Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA7875N Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA7875N
Szczegółowy opis  Vertical Deflection Output Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7875N Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA7875N Datasheet HTML 1Page - Sanyo Semicon Device LA7875N Datasheet HTML 2Page - Sanyo Semicon Device LA7875N Datasheet HTML 3Page - Sanyo Semicon Device LA7875N Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No. 6232-2/4
LA7875N, 7876N
Parameter
Symbol
Conditions
Ratings
Unit
First pump-up supply voltage
VCC7max
35
V
Second pump-up supply voltage
VCC9max
72
V
Output block supply voltage
VCC4max
110
V
Allowable power dissipation
Pdmax
With an arbitrarily large heat sink
12
W
Deflection output current
I3max
–1.5 to +1.5
Ap-o
(–1.9 to +1.9)
Thermal resistance
θ j-c
4 (3)
°C/W
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC7
30
V
Operating supply voltage range
VCC7op
16 to 33
V
Recommended deflection output current
I3p-p
Up to 2.2
Ap-p
(Up to 3)
Operating Conditions at Ta = 25°C
Note: Values in parentheses apply to the LA7876N.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Pump-up circuit 1 charge saturation voltage
V(sat) 8-2
I8 = 20 mA
1.8
V
Pump-up circuit 1 discharge saturation voltage
V(sat) 7-8
I8 = –1.1A (–1.5 A)
3.2
V
Pump-up circuit 2 charge saturation voltage
V(sat) 10-2
I10 = 20 mA
1.8
V
Pump-up circuit 2 discharge saturation voltage
V(sat) 9-10
I10 = –1.1A (–1.5 A)
3.2
V
Deflection output saturation voltage (lower)
V(sat) 3-2
I3 = 1.1A (1.5 A)
1.5 (1.7)
V
Deflection output saturation voltage (upper)
V(sat) 4-3
I3 = –1.1A (–1.5 A)
3.5 (3.9)
V
Idling current
IDL
35
70
mA
Midpoint voltage
VMID
14
15
16
V
Operating Characteristics at Ta = 25°C, VCC8 = 30 V
Note: Values in parentheses apply to the LA7876N.
Note: Values in parentheses apply to the LA7876N.


Podobny numer części - LA7875N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7800 SANYO-LA7800 Datasheet
89Kb / 3P
   Color TV Synchronization, Deflection Circuit
LA7801 SANYO-LA7801 Datasheet
143Kb / 3P
   Synchronization & Deflection Circuits of Color Televsion?
LA78040 SANYO-LA78040 Datasheet
336Kb / 4P
   LA78040 TV and CRT Display Vertical Output IC with Bus Control Support
LA78040N SANYO-LA78040N Datasheet
202Kb / 4P
   TV and CRT Display Vertical Output IC with Bus Control Support
LA78041 SANYO-LA78041 Datasheet
214Kb / 2P
   LA78041
More results

Podobny opis - LA7875N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
STMicroelectronics
TDA9302H STMICROELECTRONICS-TDA9302H Datasheet
79Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Unisonic Technologies
T8172 UTC-T8172_15 Datasheet
176Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_15 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040 Datasheet
102Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com