Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1066 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM1066
Szczegółowy opis  Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1066 Arkusz danych(HTML) 3 Page - Analog Devices

  ADM1066 Datasheet HTML 1Page - Analog Devices ADM1066 Datasheet HTML 2Page - Analog Devices ADM1066 Datasheet HTML 3Page - Analog Devices ADM1066 Datasheet HTML 4Page - Analog Devices ADM1066 Datasheet HTML 5Page - Analog Devices ADM1066 Datasheet HTML 6Page - Analog Devices ADM1066 Datasheet HTML 7Page - Analog Devices ADM1066 Datasheet HTML 8Page - Analog Devices ADM1066 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADM1066
Rev. 0 | Page 3 of 32
GENERAL DESCRIPTION
(continued from Page 1)
Supply margining can be performed with a minimum of
external components. The margining loop can be used for in-
circuit testing of a board during production (for example, to
verify the board’s functionality at −5% of nominal supplies),
or can be used dynamically to accurately control the output
voltage of a dc/dc converter.
The device also provides up to ten programmable inputs for
monitoring under, over, or out-of-window faults on up to ten
supplies. In addition, ten programmable outputs can be used as
logic enables. Six of them can also provide up to a 12 V output
for driving the gate of an N-channel FET, which can be placed
in the path of a supply.
The logical core of the device is a sequencing engine. This state-
machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs,
based on the condition of the inputs.
The device is controlled via configuration data that can be
programmed into an EEPROM. The whole configuration can
be programmed using an intuitive GUI-based software package
provided by ADI.
GPI SIGNAL
CONDITIONING
SFD
GPI SIGNAL
CONDITIONING
SFD
SFD
SFD
SELECTABLE
ATTENUATOR
SELECTABLE
ATTENUATOR
DEVICE
CONTROLLER
OSC
EEPROM
SDA SCL
A1
A0
SMBus
INTERFACE
REFOUT
REFIN
AUX1
AUX2
REFGND
VREF
12-BIT
SAR ADC
ADM1066
CONFIGURABLE
O/P DRIVER
(HV)
PDO1
PDO2
PDOGND
PDO3
DAC1
VOUT
DAC
DAC6
VOUT
DAC
VCCP
GND
DAC2
DAC3
DAC4
DAC5
PDO4
PDO5
PDO8
PDO9
CONFIGURABLE
O/P DRIVER
(HV)
PDO6
CONFIGURABLE
O/P DRIVER
(LV)
PDO7
CONFIGURABLE
O/P DRIVER
(LV)
PDO10
SEQUENCING
ENGINE
VX2
VX3
VX4
VP2
VP3
VP4
VH
VP1
VX1
SFDGND
VX5
VDDCAP
VDD
ARBITRATOR
REG 5.25V
CHARGE PUMP
Figure 2. Detailed Block Diagram


Podobny numer części - ADM1066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL AD-ADM1066ACPZ-REEL Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL7 AD-ADM1066ACPZ-REEL7 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ AD-ADM1066ASUZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ-REEL AD-ADM1066ASUZ-REEL Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results

Podobny opis - ADM1066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com