Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC315GD-A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TC315GD-A
Szczegółowy opis  SAW Resonator 315.000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC315GD-A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC315GD-A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC315GD-A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC315GD-A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC315GD-A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC315GD-A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC315GD-A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 315.000 MHz
MODEL NO.: TC315GD-A
REV. NO.: 4.0
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. DC voltage: 12 V
3. Operating Temperature: -40
C to +85C
4. Storage Temperature: -40
C to +85C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
314.925
315.000
315.075
Insertion Loss
IL
dB
-
1.6
2.5
Equivalent
Elements
Motional capacitance C1
fF
-
2.54
-
Motional inductance
L1
μ
H
-
100.7
-
Motional resistance
R1
Ohm
-
20.67
29
Parallel capacitance
Co
pF
-
3.65
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
10
25
40
Package size
SMD 5X5X1.4mm
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1
C1
L1
#2
#6
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device (ESD)


Podobny numer części - TC315GD-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC315GD-N TAI-SAW-TC315GD-N Datasheet
334Kb / 4P
   SAW Resonator 315.00MHz 5X5SMD
logo
Golledge Electronics Lt...
TC315GD-N GOLLEDGE-TC315GD-N Datasheet
88Kb / 2P
   314.970MHz SAW Resonator
More results

Podobny opis - TC315GD-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
   318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
   295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
   315.00 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com