Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1745A Arkusz danych(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1745A
Szczegółowy opis  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1745A Arkusz danych(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1745A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1745A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1745A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1745A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1745A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1745A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1745A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1745A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dedication•Trustworthinese
Duplexer
Frequency
(MHz)
Insertion Loss
(dB)
Band Width
(MHz)
SAW Filter
APPLICATION : 3G | LTE | Repeater | Femtocell | Base Station
Size
(mm)
P/N
TF0104A (Band 1)
TF0105A (Band 2)
TF0110A (Band 4)
TF0095A (Band 5)
TF0109A (Band 7)*BAW Filter
TF0093A (Band 8)
1950/2140
1880/1960
1732.5/2132.5
836.5/881.5
2535/2655
897.5/942.4
1.8
2
1.8
1.8
3.2
1.7
60
59
45
25
70
25
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
TZ2930B
TZ2370B
TZ1960C
TZ2724D
40
30
25
25
6
6
8
6
±45
±30
±30
±30
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
Load Capacitance
(pF)
Size
(mm)
P/N
Frequency
(MHz)
Tolerance
(ppm)
*metal cap structure
*metal cap structure
*metal cap structure
*metal cap structure
SSD-Crystal
TZ0633A
TZ1261C
TZ1897A
TZ2959A
TZ2852A
TZ2959A
27.12
27.12
27.12
27.12
27.12
27.12
10
10
10
10
12
10
±10
±10
±10
±30
±10
±30
3.2x2.5
2.5x2.0
2.0x1.6
2.0x1.6
1.6x1.2
2.0x1.6
Size
(mm)
P/N
Frequency
(MHz)
Tolerance
(ppm)
Load Capacitance
(pF)
NFC
Crystal /TCXO
*metal cap structure
Insertion Loss
(dB)
Band Width
(KHz)
TY0153A
TY0137A
TY0143A
30.72
21.4
90
2.0
3.0
3.0
±4
±7.5
±10
7.0x5.0
7.0x5.0
7.0x5.0
Size
(mm)
P/N
Frequency
(MHz)
MCF
Voltage
(V)
Tolerance
(ppm)
TX0338E
TX0534C
TW0459E
TX0618A
TX0601A
TW0357A
TW0459B
TX0605A
TX0659A
30
32
32.768 KHz
32.768 KHz
32.768 KHz
32.768 KHz
32.768 KHz
12
40
2.85v
1.8
15
1.8/2.5/3.0/3.3
1.8/2.5/3.0/3.3
3.3
1.8
3.3
1.8
±2
±2
±20
±1.5
±1.5
±25
±25
±1.5
±0.5
3.2x2.5
2.5x2.0
2.5x2.0
3.2x2.5
7.0x5.0
3.2x2.5
2.5x2.0
3.2x2.5
2.0x1.6
Size
(mm)
P/N
Frequency
(MHz)
TCXO/XO


Podobny numer części - TA1745A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1743A TAI-SAW-TA1743A Datasheet
340Kb / 10P
   SAW Rx Filter 942.5MHz LTE Band 8 SMD 1109 (35MHz BW)
TA1743B TAI-SAW-TA1743B Datasheet
625Kb / 8P
   SAW Filter 942.5 MHz
TA1743D TAI-SAW-TA1743D Datasheet
486Kb / 8P
   SAW Rx Filter 942.5MHz LTE Band 8 SMD 1109 (35MHz BW)
TA1744A TAI-SAW-TA1744A Datasheet
261Kb / 7P
   SAW Filter 265.55 MHz 260kHz BW SMD 3.0횞3.0mm
logo
Transko Electronics, In...
TA1747AM TRANSKO-TA1747AM Datasheet
430Kb / 4P
   PCN, RF SAW Filter
Revision 1: July 2011
More results

Podobny opis - TA1745A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com