Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJWI10-24S033 Arkusz danych(PDF) 3 Page - Total Power International

Numer części MJWI10-24S033
Szczegółowy opis  Shielded Metal Case with Isolated Baseplate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJWI10-24S033 Arkusz danych(HTML) 3 Page - Total Power International

  MJWI10-24S033 Datasheet HTML 1Page - Total Power International MJWI10-24S033 Datasheet HTML 2Page - Total Power International MJWI10-24S033 Datasheet HTML 3Page - Total Power International MJWI10-24S033 Datasheet HTML 4Page - Total Power International MJWI10-24S033 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJWI10 SERIES
DC/DC CONVERTER 10W, High Power Density
Power Derating Curve
Derating Curve without Heatsink
Derating Curve with Heatsink
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measurement bandwidth is 0-20 MHz.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
To order the converter with heatsink, please add a suffix -HS (e.g. MJWI10-24S05-HS) to order code.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM)
8
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
Remote On/Off
Remote On/Off
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 1.0 ±0.05 (0.04±0.002)
Physical Characteristics
Case Size
:
25.4x25.4x10.16mm (1.0x1.0x0.4 inches)
Case Material
:
Aluminium Alloy, Black Anodized Coating
Base Material
:
FR4 PCB (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
15g
5.08
[0.20]
25.4 [1.00]
10.16
[0.40]
10.16
[0.40]
6.0
[0.24]
7.62
[0.30]
1
26
3
4
5
2.54
[0.10]
Bottom View
10.16 0.5
[0.40 0.02]
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Podobny numer części - MJWI10-24S033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minmax Technology Co., ...
MJWI10-24S033 MINMAX-MJWI10-24S033 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
More results

Podobny opis - MJWI10-24S033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Artesyn Technologies
AXA ARTESYN-AXA Datasheet
415Kb / 2P
   Metal case with isolated baseplate
logo
SynQor Worldwide Headqu...
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
VS-ST330C VISHAY-VS-ST330C Datasheet
221Kb / 8P
   Metal case with ceramic insulator
Revision: 20-Dec-13
logo
Nell Semiconductor Co.,...
2180PT NELLSEMI-2180PT Datasheet
1Mb / 6P
   Metal Case With Ceramic insulator
3000PT NELLSEMI-3000PT Datasheet
543Kb / 2P
   Metal Case With Ceramic insulator
1300PT NELLSEMI-1300PT Datasheet
1Mb / 5P
   Metal Case With Ceramic insulator
logo
Vishay Siliconix
VS-ST330CL VISHAY-VS-ST330CL Datasheet
185Kb / 8P
   Metal case with ceramic insulator
Revision: 04-Aug-14
VS-ST733CL VISHAY-VS-ST733CL Datasheet
352Kb / 10P
   Metal case with ceramic insulator
Revision: 26-Aug-14
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com