Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJW25-24S05 Arkusz danych(PDF) 3 Page - Total Power International

Numer części MJW25-24S05
Szczegółowy opis  Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJW25-24S05 Arkusz danych(HTML) 3 Page - Total Power International

  MJW25-24S05 Datasheet HTML 1Page - Total Power International MJW25-24S05 Datasheet HTML 2Page - Total Power International MJW25-24S05 Datasheet HTML 3Page - Total Power International MJW25-24S05 Datasheet HTML 4Page - Total Power International MJW25-24S05 Datasheet HTML 5Page - Total Power International MJW25-24S05 Datasheet HTML 6Page - Total Power International MJW25-24S05 Datasheet HTML 7Page - Total Power International MJW25-24S05 Datasheet HTML 8Page - Total Power International MJW25-24S05 Datasheet HTML 9Page - Total Power International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJW25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
Output Voltage Trim
Parameter
Conditions
Min.
Typ.
Max.
Unit
Trim Up / Down Range
% of Nominal Output Voltage
±10
---
---
%
Environmental Specifications
Max.
Parameter
Model
Min.
without Heatsink
with Heatsink
Unit
MJW25-24S033, MJW25-48S033
57
65
MJW25-24S05, MJW25-24S12
MJW25-24S15, MJW25-48S05
MJW25-48S12, MJW25-48S15
56
64
MJW25-12S033
53
61
MJW25-12S05, MJW25-12S12,MJW25-12S15
MJW25-12D12, MJW25-12D15
MJW25-24D12, MJW25-24D15
Operating Ambient Temperature Range
(Natural Convection, see Derating)
MJW25-48D12, MJW25-48D15
-40
50
59
Natural Convection without Heatsink
17.6
---
℃/W
Natural Convection with Heatsink
14.8
---
℃/W
100LFM Convection without Heatsink
13.6
---
℃/W
100LFM Convection with Heatsink
8.5
---
℃/W
200LFM Convection without Heatsink
11.8
---
℃/W
200LFM Convection with Heatsink
6.5
---
℃/W
400LFM Convection without Heatsink
8.8
---
℃/W
Thermal Impedance
400LFM Convection with Heatsink
4.3
---
℃/W
Case Temperature
---
+105
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
RFI
Six-Sided Shielded, Metal Case
Lead Temperature (1.5mm from case for 10Sec.)
---
260
EMC Specifications
Parameter
Standards & Level
Performance
EMI
EN55022
Class A /Class B (See Page 9)
ESD
EN61000-4-2 air ± 8KV , Contact ± 6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3 10V/m
Perf. Criteria A
Fast transient (See Note 7)
EN61000-4-4 ±2KV
Perf. Criteria A
Surge (See Note 7)
EN61000-4-5 ±1KV
Perf. Criteria A
Conducted immunity
EN61000-4-6 10V/m
Perf. Criteria A
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Podobny numer części - MJW25-24S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minmax Technology Co., ...
MJW25-24S05 MINMAX-MJW25-24S05 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results

Podobny opis - MJW25-24S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175_15 Datasheet
1Mb / 8P
   the highest power density for a power supply
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com