Zakładka z wyszukiwarką danych komponentów |
|
MJWI20-24S12 Arkusz danych(PDF) 7 Page - Total Power International |
|
MJWI20-24S12 Arkusz danych(HTML) 7 Page - Total Power International |
7 / 9 page MJWI20 SERIES DC/DC CONVERTER 20W, Highest Power Density Package Specifications Mechanical Dimensions Pin Connections Pin Single Output Dual Output 1 +Vin +Vin 2 -Vin -Vin 3 +Vout +Vout 4 Trim Common 5 -Vout -Vout 6 Remote On/Off Remote On/Off ► All dimensions in mm (inches) ► Tolerance: X.X±0.25 (X.XX±0.01) X.XX±0.13 ( X.XXX±0.005) ► Pin diameter 1.0 ±0.05 (0.04±0.002) Physical Characteristics Case Size : 25.4x25.4x10.16mm (1.0x1.0x0.4 inches) Case Material : Aluminium Alloy, Black Anodized Coating Base Material : FR4 PCB (flammability to UL 94V-0 rated) Pin Material : Copper Alloy with Gold Plate Over Nickel Subplate Weight : 15g Heatsink (Option –HS) Mechanical Dimensions Heatsink Material: Aluminum Finish: Anodic treatment (black) Weight: 2g ► The advantages of adding a heatsink are: 1.To help heat dissipation and increase the stability and reliability of DC/DC converters at high operating temperature atmosphere. 2.To upgrade the operating temperature of DC/DC converters, please refer to Derating Curve. 5.08 [0.20] 25.4 [1.00] 10.16 [0.40] 10.16 [0.40] 6.0 [0.24] 7.62 [0.30] 1 26 3 4 5 2.54 [0.10] Bottom View 10.16 0.5 [0.40 0.02] 17.46 [0.69] Max. 31.0 [1.22] Max. Heat-Sink Thermal Pad Clamp Converter Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com Tota Total Power International, Inc. |
Podobny numer części - MJWI20-24S12 |
|
Podobny opis - MJWI20-24S12 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |