Zakładka z wyszukiwarką danych komponentów |
|
BA03TFP Arkusz danych(PDF) 5 Page - Rohm |
|
BA03TFP Arkusz danych(HTML) 5 Page - Rohm |
5 / 9 page BAOOT / FP series Regulator ICs BA09T / FP (unless otherwise noted, Ta = 25 °C, VCC = 14V, IO = 500mA) (under development) Parameter Symbol Min. Typ. Max. Unit Conditions - Measurement circuit 8.45 9.0 9.45 V Fig.1 Reg.I - 20 100 mV VIN = 10 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1Vrms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage BA10T / FP (unless otherwise noted, Ta = 25 °C, VCC = 15V, IO = 500mA) Parameter Symbol Min. Typ. Max. Unit Conditions - Measurement circuit 9.5 10 10.5 V Fig.1 Reg.I - 20 100 mV VIN = 11 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1Vrms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage BA12T / FP (unless otherwise noted, Ta = 25 °C, VCC = 17V, IO = 500mA) Parameter Symbol Min. Typ. Max. Unit Conditions - Measurement circuit 11.4 12 12.6 V Fig.1 Reg.I - 20 100 mV VIN = 13 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1Vrms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage |
Podobny numer części - BA03TFP |
|
Podobny opis - BA03TFP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |