Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE25139T1U73 Arkusz danych(PDF) 3 Page - NEC

Numer części NE25139T1U73
Szczegółowy opis  GENERAL PURPOSE DUAL-GATE GaAS MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

NE25139T1U73 Arkusz danych(HTML) 3 Page - NEC

  NE25139T1U73 Datasheet HTML 1Page - NEC NE25139T1U73 Datasheet HTML 2Page - NEC NE25139T1U73 Datasheet HTML 3Page - NEC NE25139T1U73 Datasheet HTML 4Page - NEC NE25139T1U73 Datasheet HTML 5Page - NEC NE25139T1U73 Datasheet HTML 6Page - NEC NE25139T1U73 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
POWER GAIN AND NOISE FIGURE vs.
GATE 2 TO SOURCE VOLTAGE
Drain Current, ID (mA)
POWER GAIN AND NOISE FIGURE vs.
DRAIN CURRENT
2.0
1.0
-1.0
0
+1.0
VG2S = 1 V at ID = 10 mA
VG2S = 1 V at ID = 5 mA
VDS = 5 V
f = 1kHz
1
1
Gate 2 to Source Voltage, VG2S (V)
INPUT CAPACITANCE vs.
GATE 2 TO SOURCE VOLTAGE
Gate 2 to Source Voltage, VG2S (V)
NE25139
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Note:
1. Initial bias conditions. VG1S set to obtain
specified drain current.
Note:
1. Initial bias conditions. VG1S set to obtain
specified drain current.
30
15
0
-15
-30
-45
-3.0
-2.0
-1.0
0
+1.0
+2.0
0
5
10
GPS
NF
VDS = 5 V
VG2S = 1 V
ID = 10 mA
f = 900 MHz
1
25
20
15
10
5
0
0
5
10
0
5
VDS = 5 V
VG2S = 1 V
f = 900 MHz
GPS
NF
10


Podobny numer części - NE25139T1U73

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE25139T1U73 CEL-NE25139T1U73 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results

Podobny opis - NE25139T1U73

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
California Eastern Labs
NE25139 CEL-NE25139 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com