Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37A19FVM-TR Arkusz danych(PDF) 8 Page - Rohm

Numer części BD37A19FVM-TR
Szczegółowy opis  Voltage Detector ICs with Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37A19FVM-TR Arkusz danych(HTML) 8 Page - Rohm

Back Button BD37A19FVM-TR Datasheet HTML 4Page - Rohm BD37A19FVM-TR Datasheet HTML 5Page - Rohm BD37A19FVM-TR Datasheet HTML 6Page - Rohm BD37A19FVM-TR Datasheet HTML 7Page - Rohm BD37A19FVM-TR Datasheet HTML 8Page - Rohm BD37A19FVM-TR Datasheet HTML 9Page - Rohm BD37A19FVM-TR Datasheet HTML 10Page - Rohm BD37A19FVM-TR Datasheet HTML 11Page - Rohm BD37A19FVM-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
BD37Axx Series
BD87Axx Series
BD99A41F
Datasheet
Timing Chart
Figure 15. Timing Chart
Explanation
The RESET pin voltage (RESET) switches to low when the power supply voltage (VDD) falls to 0.8 V.
The external capacitor connected to the CT pin begins to charge when VDD rises above the reset detection voltage
(VDETH). The RESET signal stays low until VDD reaches the VDETH voltage and switches to high when VDD reaches or
exceeds the VDETH voltage. The RESET transmission delay time tPLH allowed to elapse before RESET switches from
low to high is given by the following equation:
tPLH (s)
≈ 0.69 × Rrst × CCT (µF)   [1]
Rrst denotes the IC's built-
in resistance and is designed to be 10 MΩ (Typ). CCT denotes the external capacitor
connected to the CT pin.
The external capacitor connected to the CTW pin begins to charge when RESET rises, triggering the watchdog timer.
The CTW pin state switches from charge to discharge when the CTW pin voltage (VCTW) reaches VthH, and RESET
switches from high to low. The watchdog timer monitor time tWH is given by the following equation:
tWH (s)
≈ (0.5 × CCTW (µF))/(ICTWC)   [2]
ICTWC denotes the CTW charge current and is designed to be 0.50 µA (Typ). CCTW denotes the external capacitor
connected to the CTW pin.
The CTW pin state switches from charge to discharge when VCTW reaches VthL, and RESET switches from low to
high. The watchdog timer reset time tWL is given by the following equation:
tWL (s)
≈ (0.5 × CCTW (µF))/(ICTWO)   [3]
ICTWO denotes the CTW discharge current and is designed to be 1.50 µA (Typ).
The CTW pin state may not switch from charge to discharge when the CLK input pulse width tWCLK is short. Use a
tWCLK input pulse width of at least 500 ns.
tWCLK
≥ 500 ns (Min)
When a pulse (positive edge trigger) of at least 500 ns is input to the CLK pin while the CTW pin is charging, the CTW
state switches from charge to discharge. Once it discharges to VthL, it will charge again.
Watchdog timer operation is forced off when the INH pin switches to low (L: BD37Axx Series. BD99A41F, H:
BD87AxxSeries). At that time, only the watchdog timer is turned off. Reset detection is performed normally.
The watchdog timer function turns on when the INH pin switches to high(H: BD37Axx Series. BD99A41F, L:
BD87AxxSeries). The external capacitor connected to the CTW pin begins to charge at that time.
RESET switches from high to low when VDD falls to the RESET detection voltage (VDET) or lower.
When VDD falls to 0 V, the RESET signal stays low until VDD reaches 0.8 V.
*2
(BD37AxxFVM/BD99A41F)
④ ⑤⑧
⑤ ⑩ ②
④ ⑤
INH
VCTW
CLK
RESET
①② ③
0
0
0
0
0
WDT circuit turns off when INH is high
tWCLK
*4 tWCLK
VthH
VthL
*1
TPLH
*3
TWL
TWH
VCT
VCTH
INH
VDD
VDETH
VDET
WDT circuit turns off when INH is low
0
0
VDETH=VDET+Vrhys
(BD87AxxFVM)
8/15
TSZ02201-0G1G0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
05.Sep.2014 Rev.003
www.rohm.com
TSZ22111・15・001


Podobny numer części - BD37A19FVM-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results

Podobny opis - BD37A19FVM-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com