Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD42540FJ-C Arkusz danych(PDF) 7 Page - Rohm

Numer części BD42540FJ-C
Szczegółowy opis  70 mA Output Voltage Tracker
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD42540FJ-C Arkusz danych(HTML) 7 Page - Rohm

Back Button BD42540FJ-C Datasheet HTML 3Page - Rohm BD42540FJ-C Datasheet HTML 4Page - Rohm BD42540FJ-C Datasheet HTML 5Page - Rohm BD42540FJ-C Datasheet HTML 6Page - Rohm BD42540FJ-C Datasheet HTML 7Page - Rohm BD42540FJ-C Datasheet HTML 8Page - Rohm BD42540FJ-C Datasheet HTML 9Page - Rohm BD42540FJ-C Datasheet HTML 10Page - Rohm BD42540FJ-C Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/22
BD42540FJ-C
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ02201-0G7G0AN00570-1-2
2.Jun.2016 Rev.001
TSZ22111・15・001
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
Output Current : Io[mA]
Tj=150℃
Tj=25℃
Tj=-40℃
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10
20
30
40
50
60
70
Output Current : Io[mA]
Tj=150℃
Tj=25℃
Tj=-40℃
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
45
Power Supply Voltage : Vcc[V]
Tj=150℃
Tj=25℃
Tj=-40℃
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
Power Supply Voltage : Vcc[V]
Tj=150℃
Tj=25℃
Tj=-40℃
Typical Performance Curves
Unless otherwise specified: -
40 °C ≤ Tj ≤ +150 °C, VCC = 13.5 V, VADJ/EN = 5 V, Io = 0 mA.
Figure 1. Tracking Accuracy vs. Power Supply Voltage
Figure 2. Tracking Accuracy vs. Output Current
Figure 3. Circuit Current vs. Power Supply Voltage
Figure 4. Circuit Current vs. Output Current


Podobny numer części - BD42540FJ-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
BD42500G-CTR ROHM-BD42500G-CTR Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
More results

Podobny opis - BD42540FJ-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
Microchip Technology
MCP1790 MICROCHIP-MCP1790 Datasheet
1,012Kb / 34P
   70 mA, High Voltage Regulator
2008
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com