Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD42530FP2-CE2 Arkusz danych(PDF) 10 Page - Rohm

Numer części BD42530FP2-CE2
Szczegółowy opis  250 mA Output Voltage Tracker
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD42530FP2-CE2 Arkusz danych(HTML) 10 Page - Rohm

Back Button BD42530FP2-CE2 Datasheet HTML 6Page - Rohm BD42530FP2-CE2 Datasheet HTML 7Page - Rohm BD42530FP2-CE2 Datasheet HTML 8Page - Rohm BD42530FP2-CE2 Datasheet HTML 9Page - Rohm BD42530FP2-CE2 Datasheet HTML 10Page - Rohm BD42530FP2-CE2 Datasheet HTML 11Page - Rohm BD42530FP2-CE2 Datasheet HTML 12Page - Rohm BD42530FP2-CE2 Datasheet HTML 13Page - Rohm BD42530FP2-CE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Datasheet
Datasheet
10/25
BD42530xxx-C
Series
© 2016 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
TSZ02201-0G7G0AN00550-1-2
20.Apr.2016 Rev.001
0
20
40
60
80
100
120
100
1000
10000
100000
Frequency : f[Hz]
Tj=150℃
Tj=25℃
Tj=-40℃
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
45
Power Supply Voltage : Vcc[V]
Tj=150℃
Tj=25℃
Tj=-40℃
0
1
2
3
4
5
6
01
2345
Power Supply Voltage : Vcc[V]
Tj=150℃
Tj=25℃
Tj=-40℃
0
100
200
300
400
500
600
0
50
100
150
200
250
Output Current : Io[mA]
Tj=150℃
Tj=25℃
Tj=-40℃
Typical Performance Curves
Unless otherwise specified: -40 °C ≤ Tj ≤ +150 °C, VCC = 13.5 V, VADJ/EN = 5 V, Io = 0 mA.
Figure 5. Output Voltage vs. Power Supply Voltage
Figure 6. Output Voltage vs. Power Supply Voltage
at Low Supply Voltage
Figure 7. Dropout Voltage vs. Output Current
(Vcc=4.75V)
Figure 8. Ripple Rejection vs. Frequency
(ein=1Vrms, Io=100mA)


Podobny numer części - BD42530FP2-CE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD42530FP2-CE2 ROHM-BD42530FP2-CE2 Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results

Podobny opis - BD42530FP2-CE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
   70 mA Output Voltage Tracker
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com