Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU12TH5WNVX-1 Arkusz danych(PDF) 2 Page - Rohm

Numer części BU12TH5WNVX-1
Szczegółowy opis  FULL CMOS LDO Regulator (500mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU12TH5WNVX-1 Arkusz danych(HTML) 2 Page - Rohm

  BU12TH5WNVX-1 Datasheet HTML 1Page - Rohm BU12TH5WNVX-1 Datasheet HTML 2Page - Rohm BU12TH5WNVX-1 Datasheet HTML 3Page - Rohm BU12TH5WNVX-1 Datasheet HTML 4Page - Rohm BU12TH5WNVX-1 Datasheet HTML 5Page - Rohm BU12TH5WNVX-1 Datasheet HTML 6Page - Rohm BU12TH5WNVX-1 Datasheet HTML 7Page - Rohm BU12TH5WNVX-1 Datasheet HTML 8Page - Rohm BU12TH5WNVX-1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/20
14.Dec.2015.Rev.004
BUXXTH5WNVX
Datasheet
TSZ02201-0GBG0A600020-1-2
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Connection Diagram
Pin Descriptions
Ordering Information
B
U
X
X
T
H
5
W
N
V
X
-
1
T
L
Part
Output Voltage
High Ripple Rejection
with
Package
None:
Packageing and forming specification
Number
1A : 1.05V
Maximum Output Current
output discharge NVX : SSON004X1010
Chip Rev.1
Embossed tape and reel
   ⇓
500mA
1:
TL : The pin number 1 is the lower left
35 : 3.50V
Chip Rev.2
(XX=1A,12)
Lineup
Marking
Di
Ci
6i
Ai
Output
Voltage
1.05V
1.20V
2.85V
3.50V
Part
Number
BU1ATH5WNVX-1
BU12TH5WNVX-1
BU2JTH5WNVX
BU35TH5WNVX
SSON004X1010
TOP VIEW
1 VOUT
2 GND
3 CE
4 VIN
Part Number Marking
LOT Number
1PIN MARK
SSON004X1010
PIN No.
Symbol
Function
1
VOUT
Output Voltage
2
GND
Grounding
3
CE
ON/OFF control of output voltage
(High: ON, Low: OFF)
4
VIN
Power Supply Voltage
reverse
FIN
Substrate (Connect to GND)
SSON004X1010
(Unit : mm)
1.0
±0.1
1PIN MARK
S
0.05
0.65
±0.05
0.
48
±0.05
0.25
±0.05
1
45º
4
2
3
3-C0.18
R0.05
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the left hand
5000pcs
TL
(
)
Direction of feed
Reel
1pin
BOTTOM VIEW
1 VOUT
2 GND
3 CE
4 VIN
reverse FIN


Podobny numer części - BU12TH5WNVX-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU12TD2WNVX ROHM-BU12TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12TD2WNVX-XTL ROHM-BU12TD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
BU12TD3WG ROHM-BU12TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU12TD3WG-GTR ROHM-BU12TD3WG-GTR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU12TD3WG-TR ROHM-BU12TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
More results

Podobny opis - BU12TH5WNVX-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com