Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU33SD5WG-TR Arkusz danych(PDF) 1 Page - Rohm

Numer części BU33SD5WG-TR
Szczegółowy opis  CMOS LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU33SD5WG-TR Arkusz danych(HTML) 1 Page - Rohm

  BU33SD5WG-TR Datasheet HTML 1Page - Rohm BU33SD5WG-TR Datasheet HTML 2Page - Rohm BU33SD5WG-TR Datasheet HTML 3Page - Rohm BU33SD5WG-TR Datasheet HTML 4Page - Rohm BU33SD5WG-TR Datasheet HTML 5Page - Rohm BU33SD5WG-TR Datasheet HTML 6Page - Rohm BU33SD5WG-TR Datasheet HTML 7Page - Rohm BU33SD5WG-TR Datasheet HTML 8Page - Rohm BU33SD5WG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/17
TSZ02201-0G6G0A300600-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.05.31 Rev.003
TSZ22111・14・001
www.rohm.com
CMOS LDO Regulators for Portable Equipments
1ch 500mA
CMOS LDO Regulators
BUxxSD5 series
●General Description
BUxxSD5 series are high-performance CMOS LDO
regulators with output current ability of up to 500mA.
These devices have excellent noise and load response
characteristics
despite
of
its
low
circuit
current
consumption of 33µA. They are most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules.
●Features
High Output Voltage Accuracy:
2.0%
(In all recommended conditions)
High Ripple Rejection: TYP;68dB(f=1KHz)
Compatible with small ceramic capacitor
(Cin=Cout=0.47 µF, min)
Low Current Consumption: 33 µA
Output Voltage ON/OFF control
Built-in Over Current Protection Circuit (OCP)
Built-in Thermal Shutdown Circuit (TSD)
Package SSOP5 is similar to SOT23-5(JEDEC)
●Applications
Portable devices
Camera modules
Other electronic devices using microcontrollers or
logic circuits
●Key Specifications
Input Power Supply Voltage Range:
1.7V to 6.0V
Output Current Range:
0 to 500mA
Operating Temperature Range:
-40℃ to +105℃
Output Voltage Lineup:
1.8V, 3.3V
Output Voltage Accuracy:
±
2.0%
Circuit Current:
33µA(Typ.)
Standby Current:
0μA (Typ.)
●Package
W(Typ) x D(Typ) x H(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
●Typical Application Circuit
Figure 1. Typical Application Circuit
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
BUxxSD5


Podobny numer części - BU33SD5WG-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU33SD5WG-TR ROHM-BU33SD5WG-TR Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

Podobny opis - BU33SD5WG-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com