Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG86AMNHTBG Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części NBSG86AMNHTBG
Szczegółowy opis  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86AMNHTBG Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button NBSG86AMNHTBG Datasheet HTML 3Page - ON Semiconductor NBSG86AMNHTBG Datasheet HTML 4Page - ON Semiconductor NBSG86AMNHTBG Datasheet HTML 5Page - ON Semiconductor NBSG86AMNHTBG Datasheet HTML 6Page - ON Semiconductor NBSG86AMNHTBG Datasheet HTML 7Page - ON Semiconductor NBSG86AMNHTBG Datasheet HTML 8Page - ON Semiconductor NBSG86AMNHTBG Datasheet HTML 9Page - ON Semiconductor NBSG86AMNHTBG Datasheet HTML 10Page - ON Semiconductor NBSG86AMNHTBG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NBSG86A
http://onsemi.com
7
Table 11. DC CHARACTERISTICS, INPUT WITH LVPECL OUTPUT VCC = 3.3 V; VEE = 0 V, TA = −40°C to +85°C (Note 14)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
POWER SUPPLY CURRENT
IEE
Negative Power Supply Current
23
30
39
23
30
39
23
30
39
mA
LVPECL OUTPUTS (Note 15)
VOH
Output HIGH Voltage
2260
2310
2360
2290
2340
2390
2315
2365
2415
mV
VOL
Output LOW Voltage
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
1320
2030
1550
2260
1785
1470
2090
1670
2310
1875
1620
2180
1790
2390
1995
1360
2065
1585
2290
1820
1510
2125
1705
2340
1910
1660
2215
1825
2420
2030
1390
2090
1615
2315
1850
1540
2150
1735
2365
1940
1690
2240
1855
2445
2060
mV
VOUTPP
Output Amplitude Voltage
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
705
130
535
0
345
815
220
640
0
435
695
125
530
0
340
805
215
635
0
430
690
125
525
0
335
800
215
630
0
425
mV
DIFFERENTIAL CLOCK INPUTS DRIVEN SINGLE−ENDED (Figures 11 & 13) (Note 16)
VIH
Input HIGH Voltage (Single−Ended)
D, D, SEL, SEL
1200
VCC
1200
VCC
1200
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
D, D, SEL, SEL
0
VCC
150
0
VCC
150
0
VCC
150
mV
Vth
Input Threshold Reference Voltage Range
(Note 17)
950
VCC
–75
950
VCC
–75
950
VCC
–75
mV
VISE
Single−Ended Input Voltage (VIH – VIL)
150
2600
150
2600
150
2600
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 12 & 14) (Note 18)
VIHD
Differential Input HIGH Voltage (D, D,
SEL, SEL)
1200
VCC
1200
VCC
1200
VCC
mV
VILD
Differential Input LOW Voltage (D, D, SEL,
SEL)
0
VCC
75
0
VCC
75
0
VCC
75
mV
VID
Differential Input Voltage (VIHD – VILD) (D,
D, SEL, SEL)
75
2600
75
2600
75
2600
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 19) (Figure 19)
1200
3300
1200
3300
1200
3300
mV
IIH
Input HIGH Current (@VIH)
D, D
SEL, SEL
30
5
100
50
30
5
100
50
30
5
100
50
mA
IIL
Input LOW Current (@VIL)
D, D
SEL, SEL
20
5
100
50
20
5
100
50
20
5
100
50
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
14. Input and output parameters vary 1:1 with VCC.
15. LVPECL outputs loaded with 50
W to VCC − 2 V for proper operation.
16. Vth, VIH, VIL,, and VISE parameters must be complied with simultaneously.
17. Vth is applied to the complementary input when operating in single−ended mode. Vth = (VIH − VIL) / 2.
18. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
19. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.


Podobny numer części - NBSG86AMNHTBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG86AMNHTBG ONSEMI-NBSG86AMNHTBG Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
More results

Podobny opis - NBSG86AMNHTBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com