Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBXSBA019LN1TAG Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części NBXSBA019LN1TAG
Szczegółowy opis  3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA019LN1TAG Arkusz danych(HTML) 2 Page - ON Semiconductor

  NBXSBA019LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXSBA019LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXSBA019LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXSBA019LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXSBA019LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXSBA019LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NBXDBA019, NBXHBA019, NBXSBA019
http://onsemi.com
2
FSEL
OE
GND
CLK
VDD
CLK
1
2
3
6
5
4
Figure 2. Pin Connections (Top View)
NC
OE
GND
CLK
VDD
CLK
1
2
3
6
5
4
NBXDBA019
NBXSBA019/NBXHBA019
Table 1. PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1
OE
LVTTL/LVCMOS
Control Input
Output Enable Pin. When left floating pin defaults to logic HIGH and output is active.
See OE pin description Table 2.
2
FSEL/
NC*
LVTTL/LVCMOS
Control Input
Output Frequency Select Pin. Pin will default to logic HIGH when left open. See Output
Frequency Select pin description Table 3.
3
GND
Power Supply
Ground 0 V
4
CLK
LVPECL Output
Non−Inverted Clock Output. Typically loaded with 50 W receiver termination resistor to
VTT = VDD − 2 V.
5
CLK
LVPECL Output
Inverted Clock Output. Typically loaded with 50 W receiver termination resistor to
VTT = VDD − 2 V.
6
VDD
Power Supply
Positive power supply voltage. Voltage should not exceed 3.3 V ±10%.
*NBXSBA019 and NBXHBA019 only.
Table 2. OUTPUT ENABLE TRI−STATE FUNCTION
OE Pin
Output Pins
Open
Active
HIGH Level
Active
LOW Level
High Z
Table 3. OUTPUT FREQUENCY SELECT
FSEL Pin
Output Frequency (MHz)
Open
(pin will float high)
125
HIGH Level
125
LOW Level
250
Table 4. ATTRIBUTES
Characteristic
Value
Input Default State Resistor
170 kW
ESD Protection
Human Body Model
Machine Model
2 kV
200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.
Table 5. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VDD
Positive Power Supply
GND = 0 V
4.6
V
Iout
LVPECL Output Current
Continuous
Surge
25
50
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−55 to +120
°C
Tsol
Wave Solder
See Figure 6
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Podobny numer części - NBXSBA019LN1TAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBXSBA019LN1TAG ONSEMI-NBXSBA019LN1TAG Datasheet
127Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 2
More results

Podobny opis - NBXSBA019LN1TAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
   3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
   3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBA021 ONSEMI-NBXSBA021_09 Datasheet
131Kb / 6P
   3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBB020 ONSEMI-NBXSBB020 Datasheet
129Kb / 7P
   3.3 V, 280 MHz LVPECL Clock Oscillator
February, 2010 ??Rev. 5
NBXSBB022 ONSEMI-NBXSBB022 Datasheet
160Kb / 6P
   3.3 V, 187.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com