Zakładka z wyszukiwarką danych komponentów |
|
7WBD3305AMUTCG Arkusz danych(PDF) 6 Page - ON Semiconductor |
|
7WBD3305AMUTCG Arkusz danych(HTML) 6 Page - ON Semiconductor |
6 / 12 page 7WBD3305 http://onsemi.com 6 AC LOADING AND WAVEFORMS Parameter Measurement Information CL = 50 pF* From Output Under Test GND Open 7 V 500 W S1 *CL includes probes and jig capacitance. 500 W Test S1 tPD Open tPLZ/tPZL 7 V tPHZ/tPZH Open Voltage Waveforms Propagation Delay Times Voltage Waveforms Enable and Disable Times 3.5 V Output Control 3 V 0 V 1.5 V 1.5 V 1.5 V 1.5 V tPZH tPHZ VOL VOH 0 V Output Output Waveform 1 S1 at 7 V (Note 6) Waveform 2 S1 at Open (Note 6) VOL + 0.3 V VOH − 0.3 V 6. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control 7. All input pulses are supplied by generators having the following characteristics: PRR v 10 MHz, ZO = 50 W, tr v 2.5 ns, tf v 2.5 ns. 8. The outputs are measured one at a time, with one transition per measurement. 9. tPLZ and tPHZ are the same as tDIS. 10. tPZL and tPZH are the same as tEN. 11. tPHL and tPLH are the same as tPD. Figure 6. tPD, tEN, tDIS Loading and Waveforms 1.5 V 1.5 V 1.5 V 1.5 V Input Output VOH VOL tPHL tPLH 3 V 0 V tPZL tPLZ |
Podobny numer części - 7WBD3305AMUTCG |
|
Podobny opis - 7WBD3305AMUTCG |