Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3015-KS Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części SI3015-KS
Szczegółowy opis  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SI3015-KS Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI3015-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3015-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3015-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3015-KS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3015-KS Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3015-KS Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3015-KS Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3015-KS Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3015-KS Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Si3035
Rev. 1.2
11
Table 11. Digital FIR Filter Characteristics—Transmit and Receive
(VA = Charge Pump, VD = +5 V ±5%, Sample Rate = 8 kHz, TA = 0 to 70°C for K-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
Passband (0.1 dB)
F(0.1 dB)
0—
3.3
kHz
Passband (3 dB)
F(3 dB)
0—
3.6
kHz
Passband Ripple Peak-to-Peak
–0.1
0.1
dB
Stopband
4.4
kHz
Stopband Attenuation
–74
dB
Group Delay
tgd
12/Fs
sec
Note: Typical FIR filter characteristics for Fs = 8000 Hz are shown in Figures 6, 7, 8, and 9.
Table 12. Digital IIR Filter Characteristics—Transmit and Receive
(VA = Charge Pump, VD = +5 V ±5%, Sample Rate = 8 kHz, TA = 0 to 70°C for K-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
Passband (3 dB)
F(3 dB)
0—
3.6
kHz
Passband Ripple Peak-to-Peak
–0.2
0.2
dB
Stopband
4.4
kHz
Stopband Attenuation
–40
dB
Group Delay
tgd
1.6/Fs
sec
Note: Typical IIR filter characteristics for Fs = 8000 Hz are shown in Figures 10, 11, 12, and 13. Figures 14 and 15 show
group delay versus input frequency.


Podobny numer części - SI3015-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3015-KS ETC1-SI3015-KS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

Podobny opis - SI3015-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com