Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74V245 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74V245
Szczegółowy opis  512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74V245 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74V245 Datasheet HTML 4Page - Texas Instruments SN74V245 Datasheet HTML 5Page - Texas Instruments SN74V245 Datasheet HTML 6Page - Texas Instruments SN74V245 Datasheet HTML 7Page - Texas Instruments SN74V245 Datasheet HTML 8Page - Texas Instruments SN74V245 Datasheet HTML 9Page - Texas Instruments SN74V245 Datasheet HTML 10Page - Texas Instruments SN74V245 Datasheet HTML 11Page - Texas Instruments SN74V245 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
SN74V215, SN74V225, SN74V235, SN74V245
512
× 18, 1024 × 18, 2048 × 18, 4096 × 18
DSP-SYNC
 FIRST-IN, FIRST-OUT MEMORIES
SCAS636E – APRIL 2000 – REVISED SEPTEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
EMPTY FLAG/OUTPUT READY (EF/OR)
This is a dual-purpose pin. In FWFT mode, the OR function is selected. OR goes low at the same time the first
word written to an empty FIFO appears valid on the outputs. OR stays low after the RCLK low-to-high transition
that shifts the last word from the FIFO memory to the outputs. OR goes high only with a true read (RCLK with
REN low). The previous data stays at the outputs, indicating that the last word was read. Further data reads
are inhibited until OR goes low again.
In the standard mode, the EF function is selected. When the FIFO is empty, EF goes low, inhibiting further read
operations. When EF is high, the FIFO is not empty.
EF/OR is synchronous and updated on the rising edge of RCLK.
PROGRAMMABLE ALMOST-FULL FLAG (PAF)
PAF goes low when the FIFO reaches the almost-full condition. In FWFT mode, if no reads are performed, PAF
goes low after 513 – m for the SN74V215, 1025 for the SN74V225, 2049 for the SN74V235, and 4097 for the
SN74V245. Default values for m are in Table 3 and Table 4.
In standard mode, if no reads are performed after reset (RS), PAF goes low after (512 – m) writes for the
SN74V215, (1024 – m) writes for the SN74V225, (2048 – m) writes for the SN74V235, and (4096 – m) writes
for the SN74V245. The offset m is defined in the full offset register.
If asynchronous PAF configuration is selected, PAF is asserted low on the low-to-high transition of WCLK. PAF
is reset to high on the low-to-high transition of RCLK. If synchronous PAF configuration is selected (see Table 5),
PAF is updated on the rising edge of WCLK.
PROGRAMMABLE ALMOST-EMPTY FLAG (PAE)
PAE goes low when the FIFO reaches the almost-empty condition. In FWFT mode, PAE goes low when there
are n + 1 words, or fewer, in the FIFO. In standard mode, PAE goes low when there are n words or fewer in the
FIFO. The offset n is defined as the empty offset. The default values for n are noted in Table 3 and Table 4.
If there is no empty offset specified, PAE is low when the device is 63 away from completely empty for
SN74V215, and 127 away from completely empty for SN74V225, SN74V235, and SN74V245.
If asynchronous PAE configuration is selected, PAE is asserted low on the low-to-high transition of the read clock
(RCLK). PAE is reset to high on the low-to-high transition of the write clock (WCLK). If synchronous PAE
configuration is selected (see Table 5), PAE is updated on the rising edge of RCLK.
WRITE EXPANSION OUT/HALF-FULL FLAG (WXO/HF)
This is a dual-purpose output. In the single-device and width-expansion mode, when write expansion in (WXI)
and/or read expansion in (RXI) are grounded, this output acts as an indication of a half-full memory.
After one-half of the memory is filled, and at the low-to-high transition of the next write cycle, the half-full flag
(HF) goes low and remains set until the difference between the write pointer and read pointer is less than or
equal to one-half of the total memory of the device. HF is then reset to high by the low-to-high transition of the
read clock (RCLK). HF is asynchronous.
In the daisy-chain depth-expansion mode, WXI is connected to WXO of the previous device. This output acts
as a signal to the next device in the daisy chain by providing a pulse when the previous device writes to the last
location of memory.
READ EXPANSION OUT (RXO)
In the daisy-chain depth-expansion configuration, read expansion in (RXI) is connected to read expansion out
(RXO) of the previous device. This output acts as a signal to the next device in the daisy chain by providing a
pulse when the previous device reads from the last location of memory.


Podobny numer części - SN74V245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74V245 TI-SN74V245 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245 TI1-SN74V245 Datasheet
401Kb / 42P
[Old version datasheet]   DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74V245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com