Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU1S12S1AG-TR Arkusz danych(PDF) 6 Page - Rohm

Numer części BU1S12S1AG-TR
Szczegółowy opis  Successive Approximation A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU1S12S1AG-TR Arkusz danych(HTML) 6 Page - Rohm

Back Button BU1S12S1AG-TR Datasheet HTML 2Page - Rohm BU1S12S1AG-TR Datasheet HTML 3Page - Rohm BU1S12S1AG-TR Datasheet HTML 4Page - Rohm BU1S12S1AG-TR Datasheet HTML 5Page - Rohm BU1S12S1AG-TR Datasheet HTML 6Page - Rohm BU1S12S1AG-TR Datasheet HTML 7Page - Rohm BU1S12S1AG-TR Datasheet HTML 8Page - Rohm BU1S12S1AG-TR Datasheet HTML 9Page - Rohm BU1S12S1AG-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
BU1S12S1AG-LB
6/16
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0GSG0GZ10180-1-2
04.Jul.2016 Rev.001
Term Definitions
ACQUISITION TIME:
At the 13th rising edge of SCLK, the mode is changed from Hold mode to Track mode and the sampling capacitor starts
to be charged by the analog input voltage. This charge time is defined as the acquisition time.
APERTURE DELAY:
It is defined as the time from falling edge of CSB to the time when the analog input voltage is acquired.
APERTURE JITTER:
The variation in the aperture delays in sampling operations. Aperture jitter gets to affect signal-to-noise ratio.
INTEGRAL NON-LINEARLITY (INL):
It is a measure of the deviation of each individual code from a line drawn from zero scale (0.5 LSB below the first code
transition) through full scale (0.5 LSB above the last code transition). The deviation of any given code from this straight
line is measured from the center of that code value.
DIFFERENTIAL NON-LINEARLITY (DNL):
It is the measure of the maximum deviation from the ideal step size of 1 LSB.
OFFSET ERROR (OE):
It is the deviation of the first code transition “(000…000) to (000…001)” from the ideal of 0.5 LSB.
FULL SCALE ERROR (FSE):
It is the deviation of the last code transition “(111…110) to (111…111)” from the ideal of “VA – 1.5LSB.”
GAIN ERROR (GE):
It is defined as full scale error minus offset error.
TOTAL HARMONIC DISTORTION (THD):
It is the ratio, expressed in dB or dBc, of the rms total of the first five harmonic components at the output to the rms level
of the input signal frequency as seen at the output. THD is calculated as
where Af1 is the RMS power of the input frequency at the output and Af2 through Af6 are the RMS power in the first 5
harmonic frequencies.
SIGNAL TO NOISE AND DISTORTION RATIO(SINAD):
It is the ratio, expressed in dB, of the rms value of the input signal to the rms value of all of the other spectral components
below half the sampling frequency, including harmonics but excluding d.c.
EFFECTIVE NUMBER OF BITS(ENOB):
It is another method of specifying Signal-to-Noise and Distortion or SINAD. ENOB is defined as “(SINAD – 1.76) / 6.02”
and says that the converter is equivalent to a perfect ADC of this (ENOB) number of bits.
SIGNAL TO NOISE RATIO (SNR):
It is the ratio, expressed in dB, of the rms value of the input signal to the rms value of the sum of all other spectral
components below half the sampling frequency, not including harmonics.
SPURIOUS FREE DYNAMIC RANGE (SFDR):
It is the difference, expressed in dB, between the desired signal amplitude to the amplitude of the peak spurious spectral
component, where a spurious spectral component is any signal present in the output spectrum that is not present at the
input and may be a harmonic.
CONVERSION TIME:
It is the required time for the A/D converter to convert the sampled analog input signal to the digital code.
THROUGHPUT PERIOD:
It is the period that should be used as an interval time between any adjacent conversions.


Podobny numer części - BU1S12S1AG-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005F FRONTIER-BU10-005F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01 FRONTIER-BU10-01 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01F FRONTIER-BU10-01F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-02 FRONTIER-BU10-02 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Podobny opis - BU1S12S1AG-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BH2715FV ROHM-BH2715FV Datasheet
2Mb / 18P
   Successive Approximation A/D Converter
logo
Nippon Precision Circui...
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
   Successive-approximation 8-bit A/D Converter
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
   Successive-approximation 8-bit A/D Converter
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
   8-Bit Successive Approximation A-D Converter
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
   12-Bit Successive Approximation High Acquisition A/D Converter
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
ADADC80 AD-ADADC80 Datasheet
475Kb / 6P
   12-BIT SUCCESSIVE APPROXIMATION INTERATED CIRCUIT A/D CONVERTER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com