Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL3474INE4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TL3474INE4
Szczegółowy opis  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL3474INE4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL3474INE4 Datasheet HTML 2Page - Texas Instruments TL3474INE4 Datasheet HTML 3Page - Texas Instruments TL3474INE4 Datasheet HTML 4Page - Texas Instruments TL3474INE4 Datasheet HTML 5Page - Texas Instruments TL3474INE4 Datasheet HTML 6Page - Texas Instruments TL3474INE4 Datasheet HTML 7Page - Texas Instruments TL3474INE4 Datasheet HTML 8Page - Texas Instruments TL3474INE4 Datasheet HTML 9Page - Texas Instruments TL3474INE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TL3474, TL3474A
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
SLVS461B – JANUARY 2003 – REVISED JULY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (TA = 25°C UNLESS OTHERWISE NOTED)
0
10
20
30
40
50
60
70
80
Frequency – Hz
Figure 1
OUTPUT IMPEDANCE
vs
FREQUENCY
1 k
10 k
100 k
1 M
10 M
AV = 1000
AV = 100
AV = 10
AV = 1
VCC
± = ±15 V
VCM = 0 V
VO = 0 V
∆IO = ±0.5 mA
AV = 10
0
0.1
0.2
0.3
0.4
0.5
0.6
10
100
1 k
10 k
100 k
Figure 2
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
Frequency – Hz
AV = 1000
AV = 100
AV = 1
VCC
± = ±15 V
VO = 2 Vpp
RL = 2 k
Frequency – Hz
GAIN AND PHASE
vs
FREQUENCY
Figure 3
–15
–10
–5
0
5
10
15
20
25
30
35
100 K
1 M
10 M
–300
–250
–200
–150
–100
–50
0
Phase 0 pF
Gain 300 pF
Gain 0 pF
Phase 300 pF
VCC
± = ±15 V
Vo = 0 V
RL = 2 k
0.4
0.6
0.8
1
1.2
1.4
1.6
–55
–40
0
25
70
85
125
Figure 4
NORMALIZED INPUT BIAS CURRENT
vs
TEMPERATURE
TA – Temperature – °C
VCC
± = ±15 V
VCM = 0


Podobny numer części - TL3474INE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL3474INE4 TI-TL3474INE4 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL3474INE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com