Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL3474INE4 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TL3474INE4
Szczegółowy opis  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL3474INE4 Arkusz danych(HTML) 1 Page - Texas Instruments

  TL3474INE4 Datasheet HTML 1Page - Texas Instruments TL3474INE4 Datasheet HTML 2Page - Texas Instruments TL3474INE4 Datasheet HTML 3Page - Texas Instruments TL3474INE4 Datasheet HTML 4Page - Texas Instruments TL3474INE4 Datasheet HTML 5Page - Texas Instruments TL3474INE4 Datasheet HTML 6Page - Texas Instruments TL3474INE4 Datasheet HTML 7Page - Texas Instruments TL3474INE4 Datasheet HTML 8Page - Texas Instruments TL3474INE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TL3474, TL3474A
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
SLVS461B – JANUARY 2003 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Offset ...3 mV (Max) for A-Grade
D Wide Gain-Bandwidth Product ...4 MHz
D High Slew Rate . . . 13 V/µs
D Fast Settling Time . . . 1.1 µs to 0.1%
D Wide-Range Single-Supply Operation
...4 V to 36 V
D Wide Input Common-Mode Range Includes
Ground (VCC–)
D Low Total Harmonic Distortion . . . 0.02%
D Large-Capacitance Drive Capability
. . . 10,000 pF
D Output Short-Circuit Protection
D Alternative to MC33074/A and MC34074/A
description/ordering information
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
TL3474ACN
TL3474ACN
Ad
SOIC (D)
Tube of 50
TL3474ACD
TL3474A
A-grade:
3mV
SOIC (D)
Reel of 2500
TL3474ACDR
TL3474A
3 mV
TSSOP (PW)
Tube of 90
TL3474ACPW
T3474A
0
°Cto70°C
TSSOP (PW)
Reel of 2000
TL3474ACPWR
T3474A
0
°C to 70°C
PDIP (N)
Tube of 25
TL3474CN
TL3474CN
St
d d
d
SOIC (D)
Tube of 50
TL3474CD
TL3474C
Standard grade:
10 mV
SOIC (D)
Reel of 2500
TL3474CDR
TL3474C
10 mV
TSSOP (PW)
Tube of 90
TL3474CPW
TL3474
TSSOP (PW)
Reel of 2000
TL3474CPWR
TL3474
PDIP (N)
Tube of 25
TL3474AIN
Z3474A
Ad
SOIC (D)
Tube of 50
TL3474AID
TL3474AI
A-grade:
3mV
SOIC (D)
Reel of 2500
TL3474AIDR
TL3474AI
3 mV
TSSOP (PW)
Tube of 90
TL3474AIPW
Z3474A
40
°Cto105°C
TSSOP (PW)
Reel of 2000
TL3474AIPWR
Z3474A
–40
°C to 105°C
PDIP (N)
Tube of 25
TL3474IN
TL3474IN
St
d d
d
SOIC (D)
Tube of 50
TL3474ID
TL3474I
Standard grade:
10 mV
SOIC (D)
Reel of 2500
TL3474IDR
TL3474I
10 mV
TSSOP (PW)
Tube of 90
TL3474IPW
Z3474
TSSOP (PW)
Reel of 2000
TL3474IPWR
Z3474
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, N, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN–
1IN+
VCC+
2IN+
2IN–
2OUT
4OUT
4IN–
4IN+
VCC–/GND
3IN+
3IN–
3OUT
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Podobny numer części - TL3474INE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL3474INE4 TI-TL3474INE4 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL3474INE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com