Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4094BCF-E2 Arkusz danych(PDF) 1 Page - Rohm

Numer części BU4094BCF-E2
Szczegółowy opis  8bit Static Shift/Store Register
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4094BCF-E2 Arkusz danych(HTML) 1 Page - Rohm

  BU4094BCF-E2 Datasheet HTML 1Page - Rohm BU4094BCF-E2 Datasheet HTML 2Page - Rohm BU4094BCF-E2 Datasheet HTML 3Page - Rohm BU4094BCF-E2 Datasheet HTML 4Page - Rohm BU4094BCF-E2 Datasheet HTML 5Page - Rohm BU4094BCF-E2 Datasheet HTML 6Page - Rohm BU4094BCF-E2 Datasheet HTML 7Page - Rohm BU4094BCF-E2 Datasheet HTML 8Page - Rohm BU4094BCF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/19
TSZ02201-0RDR0GZ00240-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Aug.2014 Rev.001
TSZ22111
• 14 • 001
www.rohm.com
General Purpose CMOS Logic IC
8bit Static Shift/Store Register
BU4094BC
BU4094BCF
BU4094BCFV
General Description
The
BU4094BC/BCF/BCFV
are
shift/store
register
composed of 8 bit shift register and 8 bit latch. The read
data in the shift register can be taken in the latch through
the asynchronous strobe input; therefore, the data
transfer mode can hold output.
Features
 Low Power Consumption
 Wide Operating Supply Voltage Range
 High Input Impedance
 High Fan Out
 2 L-TTL Inputs or 1 LS-TTL Input can be directly
driven
Truth Table
Key Specifications
Operating Supply Voltage Range:
3V to 16V
Input Voltage Range:
VSS to VDD
Operating Temperature Range:
-40°C to +85°C
Packages
W(Typ) x D(Typ) x H(Max)
DIP16
19.40mm x 6.50mm x 7.95mm
SOP16
10.00mm x 6.20mm x 1.71mm
SSOP-B16
5.00mm x 6.40mm x 1.35mm
*: Don’t Care
NC: No Change
HZ: High Impedance
Q1
QN
QS
Q'S
H
H
L
L
QN-1
Q7
NC
H
H
H
H
QN-1
Q7
NC
H
L
*
NC
NC
Q7
NC
L
*
*
HZ
HZ
Q7
NC
H
*
*
NC
NC
NC
QS
L
*
*
HZ
HZ
NC
QS
CLOCK
OUTPUT
ENABLE
STROBE
SERIAL IN
Parallel data outputs
Serial data outputs
DIP16
SOP16
SSOP-B16
Datasheet


Podobny numer części - BU4094BCF-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4094BCF-E2 ROHM-BU4094BCF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

Podobny opis - BU4094BCF-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62801P TOSHIBA-TD62801P Datasheet
237Kb / 7P
   8BIT SHIFT REGISTER/LATCH/DRIVER
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
logo
Rohm
BU4094BC ROHM-BU4094BC Datasheet
88Kb / 5P
   8-bit compatible shift / store register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
ON Semiconductor
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Unisonic Technologies
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com