Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4066BCFVF Arkusz danych(PDF) 4 Page - Rohm

Numer części BU4066BCFVF
Szczegółowy opis  Quad-Analog Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4066BCFVF Arkusz danych(HTML) 4 Page - Rohm

  BU4066BCFVF Datasheet HTML 1Page - Rohm BU4066BCFVF Datasheet HTML 2Page - Rohm BU4066BCFVF Datasheet HTML 3Page - Rohm BU4066BCFVF Datasheet HTML 4Page - Rohm BU4066BCFVF Datasheet HTML 5Page - Rohm BU4066BCFVF Datasheet HTML 6Page - Rohm BU4066BCFVF Datasheet HTML 7Page - Rohm BU4066BCFVF Datasheet HTML 8Page - Rohm BU4066BCFVF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/16
TSZ02201-0RDR0GZ00270-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
12.Nov.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4066BC BU4066BCF BU4066BCFV
Electrical Characteristics (Unless otherwise specified VEE=0V TA=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
DC Characteristics
Input “H” Voltage
VIH
3.5
-
-
V
VDD=5V
-
7.0
-
-
VDD=10V
11.0
-
-
VDD=15V
Input “L” Voltage
VIL
-
-
1.5
V
VDD=5V
-
-
-
3.0
VDD=10V
-
-
3.75
VDD=15V
Input “H” Current
IIH
-
-
0.3
µA
VDD=15V
VIH=15V
Input “L” Current
IIL
-
-
-0.3
µA
VDD=15V
VIL=0V
ON Resistance
RON
-
500
600
Ω
VDD=5V
CONT=5V
VIN=2.5V
RL=10kΩ
-
120
500
VDD=10V
CONT=10V
VIN=5V
RL=10kΩ
-
80
280
VDD=15V
CONT=15V
VIN=7.5V
RL=10kΩ
ON Resistance Defluxion
△RON
-
25
-
Ω
VDD=5V
VIN=VDD/2
RL=10kΩ
-
10
-
VDD=10V
-
5
-
VDD=15V
Channel-OFF
Leakage Current
IOFF
-
-
0.3
µA
VDD=15V
VIN=15V
VOUT=0V
-
-
-0.3
VDD=15V
VIN=0V
VOUT=15V
Static Supply Current
IDD
-
-
1.0
µA
VDD=5V
VIN=VDD or VEE
-
-
2.0
VDD=10V
-
-
4.0
VDD=15V
Input Capacitance
(Control Input)
CC
-
8
-
pF
-
f=1MHz
Input capacitance
(Switch Input)
CS
-
10
-
pF
-
f=1MHz
Switching Characteristics, CL=50pF
Propagation Delay Time
IN→OUT
tPLH
tPHL
-
20
50
ns
VDD=5V
RL=10kΩ
-
12
40
VDD=10V
-
10
30
VDD=15V
Propagation Delay Time
CONT→OUT
tPHZ,tPLZ
-
40
90
ns
VDD=5V
RL=1kΩ
-
35
80
VDD=10V
-
30
70
VDD=15V
Propagation Delay Time
CONT→OUT
tPZH,tPZL
-
60
140
ns
VDD=5V
RL=1kΩ
-
20
50
VDD=10V
-
15
40
VDD=15V
Feed Through Attenuation
FT
-
0.7
-
MHz
VDD=5V
VSS=-5V
RL=10kΩ
VIN=5VP-P VOUT=-50dB
Sine Wave Distortion
D
-
0.1
-
%
VDD=5V
VSS=-5V
RL=10kΩ
VIN=5VP-P
Cross Talk
CONT→OUT
CTc
-
-
600
mVP-P
VDD=5V
VSS=-5V
RL=10kΩ,f=1MHz
VIN=5VP-P
Cross Talk
Between Channels
CT
-
1
-
MHz
VDD=5V
VSS=-5V
RL=10kΩ
VIN=5VP-P,VOUT=-50dB


Podobny numer części - BU4066BCFVF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4066BCFV ROHM-BU4066BCFV Datasheet
91Kb / 5P
   Quad analog switch
BU4066BCFV ROHM-BU4066BCFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCFV ROHM-BU4066BCFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCFV-E2 ROHM-BU4066BCFV-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCFV-E2 ROHM-BU4066BCFV-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Podobny opis - BU4066BCFVF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
   Quad analog switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
   Quad Analog Switch
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
   Quad Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com