Zakładka z wyszukiwarką danych komponentów |
|
SMAJ160 Arkusz danych(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd |
|
SMAJ160 Arkusz danych(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd |
3 / 3 page Device Working Peak Reverse Voltage (V) Breakdown Voltage @IT VBR(V)(1) Test Curren IT (mA) Maximum Reverse Leakage @VWM ID(μΑ)(2) Maximum Peak Pulse Surge Current IPPM (A)(3) Maximum Clamping Voltage @ IPPM VC(V) UNI Device Marking Code UNI BI Min Max BI BI SMAJ36A SMAJ36CA 36 40.0 44.2 1.0 5.0 5.4 58.1 36A 36D SMAJ40 SMAJ40C 40 44.4 54.3 1.0 5.0 4.4 71.4 40V 40C SMAJ40A SMAJ40CA 40 44.4 49.1 1.0 5.0 4.8 64.5 40A 40D SMAJ43 SMAJ43C 43 47.8 58.4 1.0 5.0 4.1 76.7 43V 43C SMAJ43A SMAJ43CA 43 47.8 52.8 1.0 5.0 4.5 69.4 43A 43D SMAJ45 SMAJ45C 45 50.0 61.1 1.0 5.0 3.9 80.3 45V 45C SMAJ45A SMAJ45CA 45 50.0 55.3 1.0 5.0 4.3 72.7 45A 45D SMAJ48 SMAJ48C 48 53.3 65.1 1.0 5.0 3.6 85.5 48V 48C SMAJ48A SMAJ48CA 48 53.3 58.9 1.0 5.0 4.0 77.4 48A 48D SMAJ51 SMAJ51C 51 56.7 69.3 1.0 5.0 3.4 91.1 51V 51C SMAJ51A SMAJ51CA 51 56.7 62.7 1.0 5.0 3.8 82.4 51A 51D SMAJ54 SMAJ54C 54 60.0 73.3 1.0 5.0 3.2 96.3 54V 54C SMAJ54A SMAJ54CA 54 60.0 66.3 1.0 5.0 3.6 87.1 54A 54D SMAJ58 SMAJ58C 58 64.4 78.7 1.0 5.0 3.0 103.0 58V 58C SMAJ58A SMAJ58CA 58 64.4 71.2 1.0 5.0 3.3 93.6 58A 58D SMAJ60 SMAJ60C 60 66.7 81.5 1.0 5.0 2.9 107.0 60V 60C SMAJ60A SMAJ60CA 60 66.7 73.7 1.0 5.0 3.2 96.8 60A 60D SMAJ64 SMAJ64C 64 71.1 86.4 1.0 5.0 2.7 114.0 64V 64C SMAJ64A SMAJ64CA 64 71.1 78.6 1.0 5.0 3.0 103.0 64A 64D SMAJ70 SMAJ70C 70 77.8 95.1 1.0 5.0 2.5 125 70V 70C SMAJ70A SMAJ70CA 70 77.8 86.0 1.0 5.0 2.7 113 70A 70D SMAJ75 SMAJ75C 75 83.3 102 1.0 5.0 2.3 134 75V 75C SMAJ75A SMAJ75CA 75 83.3 92.1 1.0 5.0 2.6 121 75A 75D SMAJ78 SMAJ78C 78 86.7 106 1.0 5.0 2.2 139 78V 78C SMAJ78A SMAJ78CA 78 86.7 95.8 1.0 5.0 2.5 126 78A 78D SMAJ85 SMAJ85C 85 94.4 115 1.0 5.0 2.0 151 85V 85C SMAJ85A SMAJ85CA 85 94.4 104 1.0 5.0 2.2 137 85A 85D SMAJ90 SMAJ90C 90 100 122 1.0 5.0 1.9 160 90V 90C SMAJ90A SMAJ90CA 90 100 111 1.0 5.0 2.1 146 90A 90D SMAJ100 SMAJ100C 100 111 136 1.0 5.0 1.7 179 100V 100C SMAJ100A SMAJ100CA 100 111 123 1.0 5.0 1.9 162 100A 100D SMAJ110 SMAJ110C 110 122 149 1.0 5.0 1.6 196 110V 110C SMAJ110A SMAJ110CA 110 122 135 1.0 5.0 1.7 177 110A 110D SMAJ120 SMAJ120C 120 133 163 1.0 5.0 1.4 214 120V 120C SMAJ120A SMAJ120CA 120 133 147 1.0 5.0 1.6 193 120A 120D SMAJ130 SMAJ130C 130 144 176 1.0 5.0 1.3 231 130V 130C SMAJ130A SMAJ130CA 130 144 159 1.0 5.0 1.5 209 130A 130D SMAJ150 SMAJ150C 150 167 204 1.0 5.0 1.1 266 150V 150C SMAJ150A SMAJ150CA 150 167 185 1.0 5.0 1.3 243 150A 150D SMAJ160 SMAJ160C 160 178 218 1.0 5.0 1.0 287 160V 160C SMAJ160A SMAJ160CA 160 178 197 1.0 5.0 1.2 259 160A 160D SMAJ170 SMAJ170C 170 189 231 1.0 5.0 1.0 304 170V 170C SMAJ170A SMAJ170CA 170 189 209 1.0 5.0 1.1 275 170A 170D N o t e : 1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent. 2. Surge current waveform per Figure 3 and derate per Figure 2. 3. All terms and symbols are consistent with ANSI/IEEE C62.35. |
Podobny numer części - SMAJ160 |
|
Podobny opis - SMAJ160 |