Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB12-600 Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części BTB12-600
Szczegółowy opis  TO-220-3L Plastic-Encapsulate ThyristorS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BTB12-600 Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BTB12-600 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BTB12-600 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BTB12-600 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220-3L Plastic-Encapsulate ThyristorS
BTB12
-600 3Q TRIAC
FEATURE
High Blocking Voltage Capability
High Surge Current Capability
High Commutation Performances
Uniform Gate Trigger Currents in Three Quadrants
Medium Current Triac
APPLICATION
General purpose AC switching
Motor control, static relays, light dimmers and appliance motors
speed controllers
Bidirectional switching and phase control
MAXIMUM RATINGS (@Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VDRM
Repetitive Peak Off-state Voltage
600
V
IT(RMS)
RMS On-state Current
12
A
ITSM
Non-repetitive Peak On-state Surge Current
@ tp =20ms
@ tp =16.7ms
120
126
A
I
2t
I
2t for Fusing @t=10ms
7
2
A
2s
dI/dt
Critical Rate of Rise of On-state Current
50
A/μs
IGM
Peak Gate Current
4
A
VGM
Peak Gate Voltage
5
V
PGM
Peak Gate Power
20
W
PG(AV)
Average Gate Power
1
W
RθJA
Thermal Resistance from Junction to Ambient
62.5
℃/W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
TO-220-3L
1.MAIN TERMINAL1
2.MAIN TERMINAL2
3.GATE
www.cj-elec.com
1
1
3
2
A-1,Jun,2016


Podobny numer części - BTB12-600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Apollo Electron Co., Lt...
BTB12-600 APOLLOELECTRON-BTB12-600 Datasheet
1Mb / 6P
   Standard Triac
logo
STMicroelectronics
BTB12-600B STMICROELECTRONICS-BTB12-600B Datasheet
116Kb / 7P
   12A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTB12-600B JIEJIE-BTB12-600B Datasheet
514Kb / 5P
   12A TRIACs
logo
Kersemi Electronic Co.,...
BTB12-600B KERSEMI-BTB12-600B Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Inchange Semiconductor ...
BTB12-600B ISC-BTB12-600B Datasheet
107Kb / 1P
   With TO-220AB non insulated package
More results

Podobny opis - BTB12-600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
BT136 JIANGSU-BT136 Datasheet
293Kb / 2P
   TO-220-3L Plastic-Encapsulate Thyristors
logo
First Silicon Co., Ltd
BT136-600E FS-BT136-600E Datasheet
388Kb / 4P
   TO-220 Plastic-Encapsulate Thyristors
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com