Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2586S-5.0 Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2586S-5.0
Szczegółowy opis  SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586S-5.0 Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  LM2586S-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LM2586S-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LM2586S-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM2586S-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2586S-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2586S-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2586S-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2586S-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2586S-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM2586-5.0 (Continued)
Symbol
Parameters
Conditions
Typical
Min
Max
Units
UNIQUE DEVICE PARAMETERS (Note 5)
Line Regulation
G
M
Error Amp
I
COMP = −30 µA to +30 µA
0.750
0.447
1.491
mmho
Transconductance
V
COMP = 1.0V
A
VOL
Error Amp
V
COMP = 0.5V to 1.6V
165
99/49
V/V
Voltage Gain
R
COMP = 1.0 MΩ (Note 6)
LM2586-12
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of
Figure 2 (Note 4)
V
OUT
Output Voltage
V
IN = 4V to 10V
12.0
11.52/11.40
12.48/12.60
V
I
LOAD = 0.2A to 0.8A
∆V
OUT/
Line Regulation
V
IN = 4V to 10V
20
100/200
mV
∆V
IN
I
LOAD = 0.2A
∆V
OUT/
Load Regulation
V
IN = 10V
20
100/200
mV
∆I
LOAD
I
LOAD = 0.2A to 0.8A
η
Efficiency
V
IN = 10V, ILOAD = 0.6A
93
%
UNIQUE DEVICE PARAMETERS (Note 5)
V
REF
Output Reference
Measured at Feedback Pin
12.0
11.79/11.76
12.21/12.24
V
Voltage
V
COMP = 1.0V
∆V
REF
Reference Voltage
V
IN = 4V to 40V
7.8
mV
Line Regulation
G
M
Error Amp
I
COMP = −30 µA to +30 µA
0.328
0.186
0.621
mmho
Transconductance
V
COMP = 1.0V
A
VOL
Error Amp
V
COMP = 0.5V to 1.6V
70
41/21
V/V
Voltage Gain
R
COMP = 1.0 MΩ (Note 6)
LM2586-ADJ
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of
Figure 2 (Note 4)
V
OUT
Output Voltage
V
IN = 4V to 10V
12.0
11.52/11.40
12.48/12.60
V
I
LOAD = 0.2A to 0.8A
∆V
OUT/
Line Regulation
V
IN = 4V to 10V
20
100/200
mV
∆V
IN
I
LOAD = 0.2A
∆V
OUT/
Load Regulation
V
IN = 10V
20
100/200
mV
∆I
LOAD
I
LOAD = 0.2A to 0.8A
η
Efficiency
V
IN = 10V, ILOAD = 0.6A
93
%
UNIQUE DEVICE PARAMETERS (Note 5)
V
REF
Output Reference
Measured at Feedback Pin
1.230
1.208/1.205
1.252/1.255
V
Voltage
V
COMP = 1.0V
∆V
REF
Reference Voltage
V
IN = 4V to 40V
1.5
mV
Line Regulation
G
M
Error Amp
I
COMP = −30 µA to +30 µA
3.200
1.800
6.000
mmho
Transconductance
V
COMP = 1.0V
A
VOL
Error Amp Voltage Gain
V
COMP = 0.5V to 1.6V,
R
COMP = 1.0 MΩ (Note 6)
670
400/200
V/V
I
B
Error Amp
V
COMP = 1.0V
125
425/600
nA
Input Bias Current
www.national.com
4


Podobny numer części - LM2586S-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2586S-5.0 NSC-LM2586S-5.0 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586S-5.0 TI-LM2586S-5.0 Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586S-5.0/NOPB TI1-LM2586S-5.0/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results

Podobny opis - LM2586S-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com