Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS-5020 Arkusz danych(PDF) 6 Page - Keysight Technologies

Numer części TS-5020
Szczegółowy opis  TS-5020 Automotive Electronics Functional Test System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TS-5020 Arkusz danych(HTML) 6 Page - Keysight Technologies

  TS-5020 Datasheet HTML 1Page - Keysight Technologies TS-5020 Datasheet HTML 2Page - Keysight Technologies TS-5020 Datasheet HTML 3Page - Keysight Technologies TS-5020 Datasheet HTML 4Page - Keysight Technologies TS-5020 Datasheet HTML 5Page - Keysight Technologies TS-5020 Datasheet HTML 6Page - Keysight Technologies TS-5020 Datasheet HTML 7Page - Keysight Technologies TS-5020 Datasheet HTML 8Page - Keysight Technologies TS-5020 Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Unique Attributes of
Automotive Functional
Testing
Functional testing of automotive
ECMs can strain the capabilities of
a typical test system. The TS-5020
can address a wide range of ECMs,
from climate control to ABS to air bag
control. Table 1 takes a closer look
at the test requirements for some of
these ECMs and the solution Keysight
TS-5020 can provide.
Test Requirements
The advancement of electronically
controlled functions in today’s
automobiles require a wide range
of capabilities: fast switching,
versatile signal generation and serial
communications; to name a few.
The TS-5020 is designed to meet
these challenges by increasing
production volume with higher
throughput while reducing the cost
of test. As summarized in the table
below, the TS-5020 offers a variety of
solutions for each of the critical test
requirements.
Figure 4. Example of serial interface for an electronic control module (ECM).
Table 1. TS-5020 solutions for automotive electronic control module testing
Test Requirements for ECM The Keysight TS-5020 Solution
Fast switching for routing
of multiple signals
and loads
– Programmable, easy to use switch path editor
– Scalable switching solution to cater up to 112 pins
– Load switching support up to 5 A
– Maximum of 80 load channels
– 42 V-ready solution
Real-world waveform
and signal generation
– Variable reluctance and Hall-effect sensor
simulation
High-current
and high-voltage
response handling
– Flyback voltage and current handling
– Voltages up to 150 V, currents up to 5 A
– Period, frequency, timing and duration
measurement capabilities
Serial communication
– ISO-9141 capability
– J1850 capability
– J1939 / CAN capability / fault-tolerant CAN /single-
wire CAN
Test Methodologies
The ability to test many types of
modules with one system improves
development leverage. Adding test
methodologies that accelerate
the measurement of each module,
regardless of type, is the next step
towards lower-cost test.
The Keysight TS-5020 offers two
approaches that improve the flexibility
and speed of the testing process. One
is UUT-assisted testing in which the
ECM becomes an active participant in
the testing process. The other is the
throughput-multiplier strategy which
enables batch testing of multiple
identical ECMs.
UUT-Assisted Test
As shown in figure 4 above right, most
ECM designs include a serial interface.
Communication protocols vary by
manufacturer, but most comply with
OBD2 standards. Variations include
ISO-9141, J1939/CAN and J1850. The
serial link is used in the automobile
itself and can also assist in the testing
of the module.
As a programmable device, the ECM
can be loaded with either operational
code or test code. Operational code
is either present in ROM during test
or is downloaded when the unit is
shipped. Test code is either included
in ROM or downloaded through
the serial link into the module. By
using test code as part of the test
program, the TS-5020 establishes a
set of conditions to which the ECM
responds. This test approach is
known as UUT-assisted test.
Power
Other outputs
Switch drivers
for headlamps
Serial interface
Discrete sensors
Analog sensors
Display lights
µController


Podobny numer części - TS-5020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Turck, Inc.
TS-500-2UPN8X-H1141 TURCK-TS-500-2UPN8X-H1141 Datasheet
343Kb / 6P
   Temperature measurement 2 PNP/NPN transistor switching outputs
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Keysight Technologies
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
   TS-5000 Family
More results

Podobny opis - TS-5020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
TS-5400 KEYSIGHT-TS-5400 Datasheet
980Kb / 15P
   TS-5400 Series II Automotive Electronics Functional Test System
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
U8972A KEYSIGHT-U8972A Datasheet
713Kb / 22P
   TS-5400 High Performance PXI Functional Test System with Mac Panel Interface
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Hirose Electric
DF59 HIROSE-DF59 Datasheet
776Kb / 12P
   2mm Pitch, Multi Functional Connector System
logo
JFW Industries, Inc.
50PMA-012 JFW-50PMA-012 Datasheet
27Kb / 1P
   TRANSCEIVER TEST SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com