Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD16922EFV-M Arkusz danych(PDF) 9 Page - Rohm

Numer części BD16922EFV-M
Szczegółowy opis  Automotive 2ch 60V Max, H-bridge Drivers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD16922EFV-M Arkusz danych(HTML) 9 Page - Rohm

Back Button BD16922EFV-M Datasheet HTML 5Page - Rohm BD16922EFV-M Datasheet HTML 6Page - Rohm BD16922EFV-M Datasheet HTML 7Page - Rohm BD16922EFV-M Datasheet HTML 8Page - Rohm BD16922EFV-M Datasheet HTML 9Page - Rohm BD16922EFV-M Datasheet HTML 10Page - Rohm BD16922EFV-M Datasheet HTML 11Page - Rohm BD16922EFV-M Datasheet HTML 12Page - Rohm BD16922EFV-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9/27
TSZ02201-0G1G0B300330-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
11.Sep.2015 Rev.003
www.rohm.com
TSZ22111・15・001
BD16922EFV-M
Typical Performance Curves (Reference Data)
- continued
(Unless otherwise specified VCC = 8V to 36V, Ta = -40°C to +110°C)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
Output Current Io[A]
Figure 19. Output On Resistance vs Output Current
(Output ON Resistance High Side, VCC=12V)
Ta=25°C
Ta=-40°C
Ta=110°C
0.0
0.3
0.6
0.9
1.2
1.5
0.0
0.2
0.4
0.6
0.8
1.0
Output Current Io[A]
Figure 21. Output On Resistance vs Output Current
(Output ON Resistance Low Side, VCC=12V)
Ta=110°C
Ta=-40°C
Ta=25°C
0.0
0.3
0.6
0.9
1.2
1.5
0.0
0.2
0.4
0.6
0.8
1.0
Output Current Io[A]
Figure 22. Output On Resistance vs Output Current
(Output ON Resistance Low Side, Ta=25°C)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
Output Current Io[A]
Figure 20. Output On Resistance vs Output Current
(Output ON Resistance High Side, Ta=25°C)
VCC=8V
VCC=36V
VCC=12V
VCC=12V
VCC=8V
VCC=36V


Podobny numer części - BD16922EFV-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
More results

Podobny opis - BD16922EFV-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6210 ROHM-BD6210_09 Datasheet
390Kb / 17P
   H-bridge drivers (7V max.)
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
logo
Renesas Technology Corp
PD168302 RENESAS-PD168302_15 Datasheet
223Kb / 14P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
NEC
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Asahi Kasei Microsystem...
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
   32V 2ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
STMicroelectronics
VNH9013Y STMICROELECTRONICS-VNH9013Y Datasheet
920Kb / 23P
   Automotive integrated H-bridge
January 2017 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com