Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7WBD3125 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 7WBD3125
Szczegółowy opis  2-Bit Translating Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD3125 Arkusz danych(HTML) 1 Page - ON Semiconductor

  7WBD3125_14 Datasheet HTML 1Page - ON Semiconductor 7WBD3125_14 Datasheet HTML 2Page - ON Semiconductor 7WBD3125_14 Datasheet HTML 3Page - ON Semiconductor 7WBD3125_14 Datasheet HTML 4Page - ON Semiconductor 7WBD3125_14 Datasheet HTML 5Page - ON Semiconductor 7WBD3125_14 Datasheet HTML 6Page - ON Semiconductor 7WBD3125_14 Datasheet HTML 7Page - ON Semiconductor 7WBD3125_14 Datasheet HTML 8Page - ON Semiconductor 7WBD3125_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2014
October, 2014 − Rev. 2
1
Publication Order Number:
7WBD3125/D
7WBD3125
2-Bit Translating Bus
Switch
The 7WBD3125 is an advanced high−speed low−power 2−bit
translating bus switch in ultra−small footprints.
Features
High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
3 W Switch Connection Between 2 Ports
Power Down Protection Provided on Inputs
Zero Bounce
TTL−Compatible Control Inputs
Ultra−Small Pb−Free Packages
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
UDFN8
MU SUFFIX
CASE 517AJ
1
8
AFM
G
1
8
AE M
G
G
1
UQFN8
MU SUFFIX
CASE 523AN
US8
US SUFFIX
CASE 493
1
8
AA M
G
G
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
A
= Assembly Location
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
UDFN8
1.95 x 1.0
CASE 517CA
X M
1
D125
AYW
G
G
1
8
Micro8
]
DM SUFFIX
CASE 846A


Podobny numer części - 7WBD3125_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
7WBD3125AMUTCG ONSEMI-7WBD3125AMUTCG Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125AMX1TCG ONSEMI-7WBD3125AMX1TCG Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125BMX1TCG ONSEMI-7WBD3125BMX1TCG Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125CMX1TCG ONSEMI-7WBD3125CMX1TCG Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125DMR2G ONSEMI-7WBD3125DMR2G Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results

Podobny opis - 7WBD3125_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3306 ONSEMI-7WBD3306_14 Datasheet
119Kb / 13P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3305 ONSEMI-7WBD3305 Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125 ONSEMI-7WBD3125 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3306 ONSEMI-7WBD3306 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
   2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com