Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25M02 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części CAT25M02
Szczegółowy opis  2 Mb SPI Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02 Arkusz danych(HTML) 1 Page - ON Semiconductor

  CAT25M02 Datasheet HTML 1Page - ON Semiconductor CAT25M02 Datasheet HTML 2Page - ON Semiconductor CAT25M02 Datasheet HTML 3Page - ON Semiconductor CAT25M02 Datasheet HTML 4Page - ON Semiconductor CAT25M02 Datasheet HTML 5Page - ON Semiconductor CAT25M02 Datasheet HTML 6Page - ON Semiconductor CAT25M02 Datasheet HTML 7Page - ON Semiconductor CAT25M02 Datasheet HTML 8Page - ON Semiconductor CAT25M02 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2016 − Rev. 2
1
Publication Order Number:
CAT25M02/D
CAT25M02
2 Mb SPI Serial CMOS
EEPROM
Description
The CAT25M02 is a 2M−bit Serial CMOS EEPROM device
internally organized as 256Kx8 bits. This features a 256−byte page
write buffer and supports the Serial Peripheral Interface (SPI)
protocol. The device is enabled through a Chip Select (CS) input. In
addition, the required bus signals are clock input (SCK), data input
(SI) and data output (SO) lines. The HOLD input may be used to pause
any serial communication with the CAT25M02 device. The device
features software and hardware write protection, including partial as
well as full array protection.
On−Chip ECC (Error Correction Code) makes the device suitable
for high reliability applications.
Features
5 / 10 MHz SPI Compatible
Supply Voltage Range: 1.7 V to 5.5 V
SPI Modes (0,0) & (1,1)
256−byte Page Write Buffer
Additional Identification Page with Permanent Write Protection
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection – Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
8−lead SOIC and 8−ball WLCSP Packages and Die Sales*
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Functional Symbol
SO
SI
SCK
CAT25M02
VCC
VSS
WP
CS
HOLD
*Please contact factory for Die Sales Information
SOIC (V) (Top View)
www.onsemi.com
PIN CONFIGURATIONS
SI
HOLD
VCC
VSS
WP
SO
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SOIC−8
V SUFFIX
CASE 751BD
SCK
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
Hold Transmission Input
HOLD
Power Supply
VCC
WLCSP−8
C8A SUFFIX
CASE 567NM
WLCSP (C8A) (Top View)
SI
HOLD
VCC
SCK
VSS
WP
SO
CS


Podobny numer części - CAT25M02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02DTR ONSEMI-CAT25M02DTR Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02DWF ONSEMI-CAT25M02DWF Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
More results

Podobny opis - CAT25M02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com