Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25512XE-T2 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części CAT25512XE-T2
Szczegółowy opis  512-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25512XE-T2 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button CAT25512XE-T2 Datasheet HTML 3Page - ON Semiconductor CAT25512XE-T2 Datasheet HTML 4Page - ON Semiconductor CAT25512XE-T2 Datasheet HTML 5Page - ON Semiconductor CAT25512XE-T2 Datasheet HTML 6Page - ON Semiconductor CAT25512XE-T2 Datasheet HTML 7Page - ON Semiconductor CAT25512XE-T2 Datasheet HTML 8Page - ON Semiconductor CAT25512XE-T2 Datasheet HTML 9Page - ON Semiconductor CAT25512XE-T2 Datasheet HTML 10Page - ON Semiconductor CAT25512XE-T2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CAT25512
www.onsemi.com
7
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16−bit address
and a data byte as shown in Figure 5. Internal programming
will start after the low to high CS transition. During an
internal write cycle, all commands, except for RDSR (Read
Status Register) will be ignored. The RDY bit will indicate
if the internal write cycle is in progress (RDY high), or the
device is ready to accept commands (RDY low).
Page Write
After sending the first data byte to the CAT25512, the host
may continue sending data, up to a total of 128 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following completion of the write cycle, the CAT25512 is
automatically returned to the write disable state.
Write Identification Page
The additional 128−byte Identification Page (IP) can be
written with user data using the same Write commands
sequence as used for Page Write to the main memory array
(Figure 6). The IPL bit from the Status Register must be set
(IPL = 1) using the WRSR instruction, before attempting
to write to the IP.
The address bits [A15:A7] are Don’t Care and the
[A6:A0]
bits
define
the
byte
address
within
the
Identification Page. In addition, the Byte Address must point
to a location outside the protected area defined by the BP1,
BP0 bits from the Status Register. When the full memory
array is write protected (BP1, BP0 = 1,1), the write
instruction to the IP is not accepted and not executed.
Also, the write to the IP is not accepted if the LIP bit from
the Status Register is set to 1 (the page is locked in
Read−only mode).
Table 11. BYTE ADDRESS
Device
Address Significant Bits
# Address Clock Pulses
Main Memory Array
A15 − A0
16
Identification Page
A6 − A0
16
Figure 5. Byte WRITE Timing
SCK
SI
SO
00
0
0
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
012
345
67
8
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
21
22
23
24
25
26 27
28
29
30
31
Dashed Line = mode (1, 1)
CS
A0
AN
0
* Please check the Byte Address Table (Table 11)
Figure 6. Page WRITE Timing
SCK
SI
SO
00
00
0
1
0
BYTE ADDRESS*
Data
Byte 1
0123
456
78
21
22
23 24−31 32−39
Data Byte N
OPCODE
7..1
0
24+(N−1)x8−1 .. 24+(N−1)x8
24+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
AN
A0
Data
Byte 3
Data
Byte 2
0
* Please check the Byte Address Table (Table 11)


Podobny numer części - CAT25512XE-T2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25512XE-T2 ONSEMI-CAT25512XE-T2 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512XE-T2 ONSEMI-CAT25512XE-T2 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results

Podobny opis - CAT25512XE-T2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAT25512YI-GT3 ONSEMI-CAT25512YI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com