Zakładka z wyszukiwarką danych komponentów |
|
N01S830BAT22IT Arkusz danych(PDF) 7 Page - ON Semiconductor |
|
N01S830BAT22IT Arkusz danych(HTML) 7 Page - ON Semiconductor |
7 / 13 page N01S830HA, N01S830BA www.onsemi.com 7 Figure 8. QUAD Write Sequence CS 04 3 25 16 9 810 7 11 SCK 12 13 Instruction SIO[3:0] A5 A0 24−bit address C1 C0 A4 A3 A2 A1 H0 L0 H1 L1 H2 L2 Hn Ln Data in MSB MSB Notes: C[1:0] = 02h H0 = 4 high order bits of data byte 0 L0 = 4 low order bits of data byte 0 H1 = 4 high order bits of data byte 1 L1 = 4 low order bits of data byte 1 READ Mode Register (RDMR) This instruction provides the ability to read the mode register. The register may be read at any time including during a Write operation. The Read Mode Register operation is executed by driving CS low, then sending the RDMR instruction to the device. Immediately after the instruction, the device outputs data on the SO (SIO0-3) pin(s). To complete the operation, drive CS high to terminate the register read. Figure 9. SPI Read Mode Register Sequence (RDMR) CS Instruction SI 04 3 25 16 9 810 711 SCK 7 65 43 210 High−Z Mode Register Data Out SO 00 0 00 1 0 12 13 14 15 1 Figure 10. DUAL Read Mode Register Sequence (RDMR) C[3:0] = 05h Notes: CS Instruction 03 2 1 SCK C3 C2 H L MSB Mode Bits SIO[1:0] 45 L H C1 C0 67 |
Podobny numer części - N01S830BAT22IT |
|
Podobny opis - N01S830BAT22IT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |