Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744839047160 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744839047160
Szczegółowy opis  DC Resistance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744839047160 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744839047160 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839047160 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839047160 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839047160 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839047160 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
1
2
3
4
5
6
70,0
O
max.
detail A
6,0 min.
1,8
O
typ.
1
A
Recommended Hole Pattern: [mm]
6x O2,4
O 5,0
3
2
1
4
5
6
Schematic:
7
6
3
2
1
4
5
6
Properties
Test conditions
Value
Unit
Tol.
Inductance
10 kHz/ 0.1 mA
L
3x47
mH
±50%
Rated Current
@ 70 °C
IR
16
A
max.
DC Resistance
@ 20 °C
RDC
3x14
mΩ
max.
Rated Voltage
50 Hz
UR
760
V (AC)
max.
Insulation Test Voltage
50 Hz/ 2 sec.
UT
3000
V (AC)
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Operating Temperature
-40 °C up to +125 °C
Temperature Rise < 55K
Due to heavy weight, we recommend to fix the component on PCB with a self tapping screw:
4.8*xx = screw length, depends from used PCB thickness
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-TPBHV Three-Phase Common
Mode Power Line Choke
ORDER CODE
744839047160
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4XL
001.000
Valid
2016-09-16
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 744839047160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744839003460 WURTH-744839003460 Datasheet
454Kb / 5P
   DC Resistance
744839010400 WURTH-744839010400 Datasheet
457Kb / 5P
   Insulation Test Voltage
744839029220 WURTH-744839029220 Datasheet
443Kb / 5P
   Rated Current
More results

Podobny opis - 744839047160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744839125095 WURTH-744839125095 Datasheet
465Kb / 5P
   DC Resistance
744837006400 WURTH-744837006400 Datasheet
457Kb / 5P
   DC Resistance
744838480095 WURTH-744838480095 Datasheet
465Kb / 5P
   DC Resistance
744839003460 WURTH-744839003460 Datasheet
454Kb / 5P
   DC Resistance
logo
SynQor Worldwide Headqu...
MQHE-28-P SYNQOR-MQHE-28-P Datasheet
7Mb / 17P
   Very low DC resistance
MCOTS-F-28E-P-DM SYNQOR-MCOTS-F-28E-P-DM Datasheet
6Mb / 9P
   Very low DC resistance
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-270-P SYNQOR-MQHE-270-P Datasheet
6Mb / 13P
   Very low DC resistance
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
   Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
   Max. of DC resistance
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com