Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST72T754S9T1 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części ST72T754S9T1
Szczegółowy opis  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T754S9T1 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button ST72T754S9T1 Datasheet HTML 7Page - STMicroelectronics ST72T754S9T1 Datasheet HTML 8Page - STMicroelectronics ST72T754S9T1 Datasheet HTML 9Page - STMicroelectronics ST72T754S9T1 Datasheet HTML 10Page - STMicroelectronics ST72T754S9T1 Datasheet HTML 11Page - STMicroelectronics ST72T754S9T1 Datasheet HTML 12Page - STMicroelectronics ST72T754S9T1 Datasheet HTML 13Page - STMicroelectronics ST72T754S9T1 Datasheet HTML 14Page - STMicroelectronics ST72T754S9T1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
ST72774/ST727754/ST72734
11/144
MEMORY MAP (Cont’d)
Table 2. Hardware Register Memory Map
Address
Block
Register Label
Register Name
Reset
Status
Remarks
0000h
0001h
PADR
PADDR
Port A Data Register
Port A Data Direction Register
00h
00h
R/W
R/W
0002h
0003h
PBDR
PBDDR
Port B Data Register
Port B Data Direction Register
00h
00h
R/W
R/W
0004h
0005h
PCDR
PCDDR
Port C Data Register
Port C Data Direction Register
00h
00h
R/W
R/W
0006h
0007h
PDDR
PDDDR
Port D Data Register
Port D Data Direction Register
00h
00h
R/W
R/W
0008h
Watchdog
WDGCR
Watchdog Control Register
7Fh
R/W
0009h
MISCR
Miscellaneous Register
10h
R/W
000Ah
000Bh
ADC
ADCDR
ADCCSR
ADC Data Register
ADC Control Status register
00h
00h
Read only
R/W
000Ch
000Dh
DDC1/2B
DDCDCR
DDCAHR
DDC1/2B Control Register
DDC1/2B Address Pointer High Register
00h
xxh
R/W
R/W
000Eh
000Fh
00010h
TMU
TMUCSR
TMUT1CR
TMUT2CR
TMU control status register
TMU T1 counter register
TMU T2 counter register
FCh
FFh
FFh
R/W
Read only
Read only
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
Timer
TIMCR2
TIMCR1
TIMSR
TIMIC1HR
TIMIC1LR
TIMOC1HR
TIMOC1LR
TIMCHR
TIMCLR
TIMACHR
TIMACLR
TIMIC2HR
TIMIC2LR
TIMOC2HR
TIMOC2LR
Timer Control Register 2
Timer Control Register 1
Timer Status Register
Timer Input Capture 1 High Register
Timer Input Capture 1 Low Register
Timer Output Compare 1 High Register
Timer Output Compare 1 Low Register
Timer Counter High Register
Timer Counter Low Register
Timer Alternate Counter High Register
Timer Alternate Counter Low Register
Timer Input Capture 2 High Register
Timer Input Capture 2 Low Register
Timer Output Compare 2 High Register
Timer Output Compare 2 Low Register
00h
00h
00h
xxh
xxh
80h
00h
FFh
FCh
FFh
FCh
xxh
xxh
80h
00h
R/W
R/W
Read only
Read only
Read only
R/W
R/W
Read only
R/W
Read only
R/W
Read only
Read only
R/W
R/W
0020h
to
0024h
Reserved Area (5 bytes)


Podobny numer części - ST72T754S9T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72T751N9B1 STMICROELECTRONICS-ST72T751N9B1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
ST72T751N9B1 STMICROELECTRONICS-ST72T751N9B1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST72T752J6B1 STMICROELECTRONICS-ST72T752J6B1 Datasheet
57Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
April 1998
More results

Podobny opis - ST72T754S9T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
April 1998
ST72753 STMICROELECTRONICS-ST72753 Datasheet
64Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
ST7277 STMICROELECTRONICS-ST7277 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
RST7275-1 STMICROELECTRONICS-RST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
   8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May 1996
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com