Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4834CDY Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części SI4834CDY
Szczegółowy opis  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4834CDY Arkusz danych(HTML) 4 Page - Vishay Siliconix

  SI4834CDY Datasheet HTML 1Page - Vishay Siliconix SI4834CDY Datasheet HTML 2Page - Vishay Siliconix SI4834CDY Datasheet HTML 3Page - Vishay Siliconix SI4834CDY Datasheet HTML 4Page - Vishay Siliconix SI4834CDY Datasheet HTML 5Page - Vishay Siliconix SI4834CDY Datasheet HTML 6Page - Vishay Siliconix SI4834CDY Datasheet HTML 7Page - Vishay Siliconix SI4834CDY Datasheet HTML 8Page - Vishay Siliconix SI4834CDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 68790
S09-2109-Rev. B, 12-Oct-09
Vishay Siliconix
Si4834CDY
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS =10 V thru 4 V
VGS =3 V
0.014
0.016
0.018
0.020
0.022
0.024
0
6
12
18
24
30
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0.0
3.6
7.2
10.8
14.4
18.0
Qg - Total Gate Charge (nC)
VDS =20 V
VDS =10 V
ID = 8 A
VDS =15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
01
2
3
45
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
0
240
480
720
960
1200
0
5
10
15
20
25
30
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
Crss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =10 V
VGS =4.5 V
ID = 8 A


Podobny numer części - SI4834CDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4834CDY VISHAY-SI4834CDY Datasheet
213Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4834CDY VISHAY-SI4834CDY_V01 Datasheet
213Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Podobny opis - SI4834CDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com