Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5980DU Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI5980DU
Szczegółowy opis  Dual N-Channel 100-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5980DU Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI5980DU Datasheet HTML 1Page - Vishay Siliconix SI5980DU Datasheet HTML 2Page - Vishay Siliconix SI5980DU Datasheet HTML 3Page - Vishay Siliconix SI5980DU Datasheet HTML 4Page - Vishay Siliconix SI5980DU Datasheet HTML 5Page - Vishay Siliconix SI5980DU Datasheet HTML 6Page - Vishay Siliconix SI5980DU Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 65576
S10-0033-Rev. A, 11-Jan-10
Vishay Siliconix
Si5980DU
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
112
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 7.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
24
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 3 V, VGS = 10 V
3A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 0.4 A
0.472
0.567
Ω
Forward Transconductancea
gfs
VDS = 20 V, ID = 1.3 A
2S
Dynamicb
Input Capacitance
Ciss
VDS = 50 V, VGS = 0 V, f = 1 MHz
78
pF
Output Capacitance
Coss
11
Reverse Transfer Capacitance
Crss
4
Total Gate Charge
Qg
VDS = 50 V, VGS = 10 V, ID = 1.3 A
2.2
3.3
nC
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
0.4
Gate Resistance
Rg
f = 1 MHz
0.5
2.4
4.8
Ω
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 50 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 1 Ω
714
ns
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
714
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 50 Ω
ID ≅ 1 A, VGEN = 7.5 V, Rg = 1 Ω
816
Rise Time
tr
11
20
Turn-Off Delay Time
td(off)
816
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
6
A
Pulse Diode Forward Current
ISM
3
Body Diode Voltage
VSD
IS = 1 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1 A, dI/dt = 100 A/µs, TJ = 25 °C
22
33
ns
Body Diode Reverse Recovery Charge
Qrr
20
30
nC
Reverse Recovery Fall Time
ta
15
ns
Reverse Recovery Rise Time
tb
7


Podobny numer części - SI5980DU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
18-Jul-08
SI5980DU VISHAY-SI5980DU_V01 Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
18-Jul-08
More results

Podobny opis - SI5980DU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7942DP VISHAY-SI7942DP_06 Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7942DP VISHAY-SI7942DP Datasheet
89Kb / 6P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 03-Mar-03
logo
Analog Power
AM4990N ANALOGPOWER-AM4990N Datasheet
166Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SIS990DN VISHAY-SIS990DN Datasheet
568Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
Rev. A, 12-Aug-13
SIS990DN VISHAY-SIS990DN_V01 Datasheet
571Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7252DP VISHAY-SI7252DP_V01 Datasheet
382Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA3104N VBSEMI-VBA3104N Datasheet
745Kb / 9P
   Dual N-Channel 100 V (D-S) MOSFET
VBA3108N VBSEMI-VBA3108N Datasheet
654Kb / 9P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4982DY VISHAY-SI4982DY Datasheet
40Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 26-May-03
SI7922DN VISHAY-SI7922DN_07 Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com