Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7530DP Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SI7530DP
Szczegółowy opis  N- and P-Channel 60-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7530DP Arkusz danych(HTML) 6 Page - Vishay Siliconix

  SI7530DP Datasheet HTML 1Page - Vishay Siliconix SI7530DP Datasheet HTML 2Page - Vishay Siliconix SI7530DP Datasheet HTML 3Page - Vishay Siliconix SI7530DP Datasheet HTML 4Page - Vishay Siliconix SI7530DP Datasheet HTML 5Page - Vishay Siliconix SI7530DP Datasheet HTML 6Page - Vishay Siliconix SI7530DP Datasheet HTML 7Page - Vishay Siliconix SI7530DP Datasheet HTML 8Page - Vishay Siliconix SI7530DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 73249
S09-0223-Rev. D, 09-Feb-09
Vishay Siliconix
Si7530DP
P-CHANNEL TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
25
30
0
2468
10
VGS = 10 V thru 5 V
3 V
VDS - Drain-to-Source Voltage (V)
4 V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
4
8
12
16
20
0
10203040
50
VDS = 30 V
ID = 5 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
0
300
600
900
1200
1500
1800
0
102030
405060
Crss
Coss
Ciss
V
- Drain-to-Source Voltage (V)
DS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 5 A
TJ - Junction Temperature (°C)


Podobny numer części - SI7530DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7530DP VISHAY-SI7530DP Datasheet
126Kb / 9P
   N- and P-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7530DP VISHAY-SI7530DP_V01 Datasheet
126Kb / 9P
   N- and P-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7530DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com