Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7983DP Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7983DP
Szczegółowy opis  Dual P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7983DP Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7983DP Datasheet HTML 1Page - Vishay Siliconix SI7983DP Datasheet HTML 2Page - Vishay Siliconix SI7983DP Datasheet HTML 3Page - Vishay Siliconix SI7983DP Datasheet HTML 4Page - Vishay Siliconix SI7983DP Datasheet HTML 5Page - Vishay Siliconix SI7983DP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 72637
S09-0272-Rev. B, 16-Feb-09
Vishay Siliconix
Si7983DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 600 µA
- 0.40
- 1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≥ - 5 V, VGS = - 4.5 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 12 A
0.014
0.017
Ω
VGS = - 2.5 V, ID = - 11 A
0.016
0.020
VGS = - 1.8 V, ID = - 4.1 A
0.020
0.024
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 12 A
41
S
Diode Forward Voltagea
VSD
IS = - 2.9 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 12 A
49
74
nC
Gate-Source Charge
Qgs
7.2
Gate-Drain Charge
Qgd
12.1
Gate Resistance
Rg
f = 1 MHz
8
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 10 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, Rg = 6 Ω
35
55
ns
Rise Time
tr
60
90
Turn-Off Delay Time
td(off)
390
585
Fall Time
tf
190
285
Source-Drain Reverse Recovery Time
trr
IF = - 2.9 A, dI/dt = 100 A/µs
106
160
Output Characteristics
0
5
10
15
20
25
30
0
1234
5
VGS = 5 thru 2 V
1 V
1.5 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
5
10
15
20
25
30
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)


Podobny numer części - SI7983DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7983DP VISHAY-SI7983DP Datasheet
95Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI7983DP VISHAY-SI7983DP_V01 Datasheet
95Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7983DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com