Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ170CA Arkusz danych(PDF) 5 Page - SUNMATE electronic Co., LTD

Numer części SMAJ170CA
Szczegółowy opis  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMAJ170CA Arkusz danych(HTML) 5 Page - SUNMATE electronic Co., LTD

  SMAJ170CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAJ170CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAJ170CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMAJ170CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMAJ170CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
Ratings and Characteristic Curves TA=25°C unless otherwise noted
www.sunmate.tw


Podobny numer części - SMAJ170CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
SMAJ170CA DIODES-SMAJ170CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ170CA DIODES-SMAJ170CA Datasheet
80Kb / 3P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
Shanghai Yint Electroni...
SMAJ170CA YINT-SMAJ170CA Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Diotech Company.
SMAJ170CA DIOTECH-SMAJ170CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMAJ170CA SAMYANG-SMAJ170CA Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Podobny opis - SMAJ170CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com