Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ180A Arkusz danych(PDF) 3 Page - SUNMATE electronic Co., LTD

Numer części SMAJ180A
Szczegółowy opis  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMAJ180A Arkusz danych(HTML) 3 Page - SUNMATE electronic Co., LTD

  SMAJ180A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAJ180A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAJ180A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMAJ180A Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMAJ180A Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
RWM
RWM
Breakdown
Marking
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
(Uni)
(Bi)
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
77.4
69.4
53.3
50.0
50.0
47.7
SMAJ43
5.0
SMAJ45A
SMAJ48
77.8
71.1
96.8
66.7
93.6
87.1
60.0
82.4
56.7
TYPE
64.5
44.4
40.0
40.0
5.0
5.0
(Uni)
(Bi)
53.3
45.4
36.7
33.3
33.3
31.1
28.9
28.9
5.0
SMAJ26A
VE
26
SMAJ33A
www.sunmate.tw
SMAJ24A
SMAJ24CA
IZ
UZ
24
26.7
30.7
1.0
38.9
10.3
5.0
SMAJ26
SMAJ26C
JD
VD
26
36.6
1.0
46.6
8.6
SMAJ26CA
JE
33.2
1.0
42.1
9.5
5.0
SMAJ28
SMAJ28C
JF
VF
28
39.4
1.0
50.0
8.0
5.0
SMAJ28A
SMAJ28CA
JG
VG
28
31.1
35.8
1.0
8.8
5.0
SMAJ30
SMAJ30C
JH
VH
30
42.2
1.0
53.5
7.5
5.0
38.3
1.0
48.4
8.3
5.0
SMAJ30A
SMAJ30CA
JK
VK
30
SMAJ33
SMAJ33C
JL
VL
33
46.5
1.0
59.0
6.8
5.0
SMAJ33CA
JM
VM
33
36.7
42.2
1.0
7.5
5.0
SMAJ36
SMAJ36C
JN
VN
36
50.7
1.0
64.3
6.2
SMAJ36A
SMAJ36CA
JP
VP
36
46.0
1.0
58.1
6.9
5.0
SMAJ40
SMAJ40C
JQ
VQ
40
56.3
1.0
71.4
5.6
SMAJ40A
SMAJ40CA
JR
VR
40
44.4
51.1
1.0
6.2
5.0
SMAJ43C
JS
VS
43
60.5
1.0
76.7
5.2
5.8
5.0
47.8
54.9
1.0
SMAJ43A
SMAJ43CA
JT
VT
43
JU
VU
45
SMAJ45
SMAJ45C
63.3
1.0
80.3
5.0
5.0
57.5
1.0
72.7
5.5
5.0
SMAJ45CA
JV
VV
45
SMAJ48C
JW
VW
48
67.5
1.0
85.5
4.7
5.0
SMAJ48A
SMAJ48CA
JX
VX
48
53.3
61.3
1.0
5.2
5.0
SMAJ51
SMAJ51C
JY
VY
51
71.8
1.0
91.1
4.4
5.0
JZ
VZ
51
SMAJ51A
SMAJ51CA
4.9
5.0
56.7
65.2
1.0
SMAJ54
SMAJ54C
RD
WD
54
76.0
1.0
96.3
4.2
5.0
60.0
69.0
1.0
4.6
5.0
SMAJ54A
SMAJ54CA
RE
WE
54
64.4
81.6
1.0
103
3.9
5.0
SMAJ58
SMAJ58C
RF
WF
58
RG
WG
58
SMAJ58A
SMAJ58CA
64.4
74.1
1.0
4.3
5.0
84.5
1.0
107
3.7
5.0
SMAJ60
SMAJ60C
RH
WH
60
66.7
76.7
1.0
4.1
5.0
SMAJ60A
SMAJ60CA
RK
WK
60
RL
WL
64
SMAJ64
SMAJ64C
90.1
1.0
114
3.5
5.0
71.1
81.8
1.0
103
3.9
5.0
RM
WM
64
SMAJ64A
SMAJ64CA
SMAJ70
SMAJ70C
RN
WN
70
98.6
1.0
125
3.2
5.0
77.8
89.5
1.0
113
3.5
5.0
SMAJ70A
SMAJ70CA
RP
WP
70
SMAJ75
SMAJ75C
RQ
WQ
75
83.0
105.7
1.0
134
3.0
5.0
83.0
95.8
1.0
121
3.3
5.0
SMAJ75A
SMAJ75CA
RR
WR
75
SMAJ78
SMAJ78C
RS
WS
78
86.0
109.8
1.0
139
2.9
5.0
86.0
99.7
1.0
126
3.2
5.0
SMAJ78A
SMAJ78CA
RT
WT
78


Podobny numer części - SMAJ180A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SMAJ180A LITTELFUSE-SMAJ180A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ180A LUGUANG-SMAJ180A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ180A SOCAY-SMAJ180A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ180A SOCAY-SMAJ180A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ180A FORMOSA-SMAJ180A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

Podobny opis - SMAJ180A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com