Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC4040 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC74AC4040
Szczegółowy opis  12-Stage Binary Ripple Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC4040 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC74AC4040 Datasheet HTML 1Page - ON Semiconductor MC74AC4040 Datasheet HTML 2Page - ON Semiconductor MC74AC4040 Datasheet HTML 3Page - ON Semiconductor MC74AC4040 Datasheet HTML 4Page - ON Semiconductor MC74AC4040 Datasheet HTML 5Page - ON Semiconductor MC74AC4040 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74AC4040
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
*0.5 ≤ VCC +0.5
V
VO
DC Output Voltage (Note 1)
*0.5 ≤ VCC +0.5
V
IIK
DC Input Diode Current
±20
mA
IOK
DC Output Diode Current
±50
mA
IO
DC Output Sink/Source Current
±50
mA
ICC
DC Supply Current per Output Pin
±50
mA
IGND
DC Ground Current per Output Pin
±50
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction temperature under Bias
+150
°C
qJA
Thermal Resistance (Note 2)
69.1
°C/W
PD
Power Dissipation in Still Air at 65
°C (Note 3)
500
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 4)
Machine Model (Note 5)
Charged Device Model (Note 6)
> 2000
> 200
> 1000
V
ILatch−Up
Latch−Up Performance
Above VCC and Below GND at 85°C (Note 7)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. The package thermal impedance is calculated in accordance with JESD51−7.
3. 500 mW at 65
°C; derate to 300 mW by 10 mW/ from 65°C to 85°C.
4. Tested to EIA/JESD22−A114−A.
5. Tested to EIA/JESD22−A115−A.
6. Tested to JESD22−C101−A.
7. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN/VOUT
Input Voltage, Output Voltage (Referenced to GND)
0
VCC
TA
Operating Temperature, All Package Types
−40
+85
°C
tr/tf
Input Rise/Fall Time
(Figure 1)
VCC = 3.0 V
VCC = 4.5 V
VCC = 5.5 V
0
0
0
150
40
25
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Podobny numer części - MC74AC4040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
logo
Motorola, Inc
MC74AC4040D MOTOROLA-MC74AC4040D Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
ON Semiconductor
MC74AC4040D ONSEMI-MC74AC4040D Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040DG ONSEMI-MC74AC4040DG Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
More results

Podobny opis - MC74AC4040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com