Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC163DR2G Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC74AC163DR2G
Szczegółowy opis  Synchronous Presettable Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC163DR2G Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC74AC163DR2G Datasheet HTML 3Page - ON Semiconductor MC74AC163DR2G Datasheet HTML 4Page - ON Semiconductor MC74AC163DR2G Datasheet HTML 5Page - ON Semiconductor MC74AC163DR2G Datasheet HTML 6Page - ON Semiconductor MC74AC163DR2G Datasheet HTML 7Page - ON Semiconductor MC74AC163DR2G Datasheet HTML 8Page - ON Semiconductor MC74AC163DR2G Datasheet HTML 9Page - ON Semiconductor MC74AC163DR2G Datasheet HTML 10Page - ON Semiconductor MC74AC163DR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
www.onsemi.com
7
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC163
74AC163
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
5.5
13.5
16.0
ns
3−9
Pn to CP
5.0
4.0
8.5
10.5
th
Hold Time, HIGH or LOW
3.3
−7.0
−1.0
−0.5
ns
3−9
Pn to CP
5.0
−5.0
0
0
ts
Setup Time, HIGH or LOW
3.3
5.5
14
16.5
ns
3−9
SR to CP
5.0
4.0
9.5
11.0
th
Hold Time, HIGH or LOW
3.3
−7.5
−1.0
−0.5
ns
3−9
SR to CP
5.0
−5.5
−0.5
0
ts
Setup Time, HIGH or LOW
3.3
5.5
11.5
14.0
ns
3−9
PE to CP
5.0
4.0
7.5
8.5
th
Hold Time, HIGH or LOW
3.3
−7.5
−1.0
−0.5
ns
3−9
PE to CP
5.0
−5.0
−0.5
0
ts
Setup Time, HIGH or LOW
3.3
3.5
6.0
7.0
ns
3−9
CEP or CET to CP
5.0
2.5
4.5
5.0
th
Hold Time, HIGH or LOW
3.3
−4.5
0
0
ns
3−9
CEP or CET to CP
5.0
−3.0
0
0.5
tw
Clock Pulse Width (Load)
3.3
3.0
3.5
4.0
ns
3−6
HIGH or LOW
5.0
2.0
2.5
3.0
tw
Clock Pulse Width (Count)
3.3
3.0
4.0
4.5
ns
3−6
HIGH or LOW
5.0
2.0
3.0
3.5
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Podobny numer części - MC74AC163DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC163DR2 ONSEMI-MC74AC163DR2 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
More results

Podobny opis - MC74AC163DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com