Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14029BDR2G Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14029BDR2G
Szczegółowy opis  Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14029BDR2G Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14029BDR2G Datasheet HTML 1Page - ON Semiconductor MC14029BDR2G Datasheet HTML 2Page - ON Semiconductor MC14029BDR2G Datasheet HTML 3Page - ON Semiconductor MC14029BDR2G Datasheet HTML 4Page - ON Semiconductor MC14029BDR2G Datasheet HTML 5Page - ON Semiconductor MC14029BDR2G Datasheet HTML 6Page - ON Semiconductor MC14029BDR2G Datasheet HTML 7Page - ON Semiconductor MC14029BDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14029B
www.onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
All Types
Unit
Min
Typ
(Note 6)
Max
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clk to Q
tPLH, tPHL = (1.7 ns/pF) CL + 230 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
Clk to Cout
tPLH, tPHL = (1.7 ns/pF) CL + 230 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
Cin to Cout
tPLH, tPHL = (1.7 ns/pF) CL + 95 ns
tPLH, tPHL = (0.66 ns/pF) CL + 47 ns
tPLH, tPHL = (0.5 ns/pF) CL + 35 ns
PE to Q
tPLH, tPHL = (1.7 ns/pF) CL + 230 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
PE to Cout
tPLH, tPHL = (1. 7 ns/pF) CL + 465 ns
tPLH, tPHL = (0.66 ns/pF) CL + 192 ns
tPLH, tPHL = (0.5 ns/pF) CL + 125 ns
tPLH,
tPHL
5.0
10
15
200
100
90
400
200
180
ns
tPLH,
tPHL
5.0
10
15
250
130
85
500
260
190
ns
tPLH,
tPHL
5.0
10
15
175
50
50
360
120
100
ns
tPLH,
tPHL
5.0
10
15
235
100
80
470
200
160
ns
tPLH,
tPHL
5.0
10
15
320
145
105
640
290
210
ns
Clock Pulse Width
tW(cl)
5.0
10
15
180
80
60
90
40
30
ns
Clock Pulse Frequency
fcl
5.0
10
15
4.0
8.0
10
2.0
4.0
5.0
MHz
Preset Removal Time
The Preset Signal must be low prior to a positive−going
transition of the clock.
trem
5.0
10
15
160
80
60
80
40
30
ns
Clock Rise and Fall Time
tr(cl)
tf(cl)
5.0
10
1 5
15
5
4
ms
Carry In Setup Time
tsu
5.0
10
15
150
60
40
75
30
20
ns
Up/Down Setup Time
5.0
10
15
340
140
100
170
70
50
ns
Binary/Decade Setup Time
5.0
10
15
320
140
100
160
70
50
ns
Preset Enable Pulse Width
tW
5.0
10
15
130
70
50
65
35
25
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Podobny numer części - MC14029BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14029BDR2G ONSEMI-MC14029BDR2G Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
More results

Podobny opis - MC14029BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com