Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSB81BA3 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TSB81BA3
Szczegółowy opis  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TSB81BA3 Datasheet HTML 7Page - Texas Instruments TSB81BA3 Datasheet HTML 8Page - Texas Instruments TSB81BA3 Datasheet HTML 9Page - Texas Instruments TSB81BA3 Datasheet HTML 10Page - Texas Instruments TSB81BA3 Datasheet HTML 11Page - Texas Instruments TSB81BA3 Datasheet HTML 12Page - Texas Instruments TSB81BA3 Datasheet HTML 13Page - Texas Instruments TSB81BA3 Datasheet HTML 14Page - Texas Instruments TSB81BA3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
TSB81BA3, TSB81BA3I
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS559B − DECEMBER 2002 − REVISED OCTOBER 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
TYP†
MAX
UNIT
Supply voltage, 3.3 VDD
Source power node
3.0
3.3
3.6
V
Supply voltage, 3.3 VDD
Nonsource power node
3.0‡
3.3
3.6
V
Supply voltage, 1.8 VDD
1.85
1.95
2.05
V
LREQ, CTL0, CTL1, D0−D7, LCLK
2.6
High-level input voltage, VIH
LKON/DS2, PC0, PC1, PC2, PD, BMODE
0.7
×VDD
V
High-level input voltage, VIH
RESETz
0.6
×VDD
V
LREQ, CTL0, CTL1, D0−D7, LCLK
1.2
V
Low-level input voltage, VIL
LKON/DS2, PC0, PC1, PC2, PD, BMODE
0.2
×VDD
Low-level input voltage, VIL
RESETz
0.3
×VDD
Output current, IOL/OH
CTL0, CTL1, D0−D7, CNA, LKON/DS2, PINT, and
PCLK
−4
4
mA
Output current, IO
TPBIAS outputs
−5.6
1.3
mA
R JA = 19°C/W
TA = 70°C
84.1
Maximum junction temperature, T
RθJA = 19°C/W
TA = 85°C
99.1
Maximum junction temperature, TJ
(see RθJA values listed in thermal
R JA = 31.5 _C/W
TA = 70°C
93.3
°C
J
(see RθJA values listed in thermal
characteristics table)
RθJA = 31.5 _C/W
TA = 85°C
108.4
°C
characteristics table)
R JA = 49.2 _C/W
TA = 70°C
106.4
RθJA = 49.2 _C/W
TA = 85°C
121.5
1394b Differential input voltage, VID
Cable inputs, during data reception
200
800
mV
1394a Differential input voltage, VID
Cable inputs, during data reception
118
260
mV
1394a Differential input voltage, VID
Cable inputs, during arbitration
168
265
mV
1394a Common-mode input voltage, VIC
TPB cable inputs, source power node
0.4706
2.515
V
1394a Common-mode input voltage, VIC
TPB cable inputs, nonsource power node
0.4706
2.015‡
V
Power-up reset time, tpu
RESETz input
ms
TPA, TPB cable inputs, S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs, S200 operation
±0.5
ns
Receive input jitter
TPA, TPB cable inputs, S400 operation
±0.315
ns
Between TPA and TPB cable inputs, S100 operation
±0.8
Receive input skew
Between TPA and TPB cable inputs, S200 operation
±0.55
ns
Receive input skew
Between TPA and TPB cable inputs, S400 operation
±0.5
ns
† All typical values are at VDD = 3.3 V and TA = 25°C.
‡ For a node that does not source power; see Section 4.2.2.2 in IEEE 1394a−2000.
§ Time after valid clock received at PHY XI input terminal.


Podobny numer części - TSB81BA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI1-TSB81BA3-EP Datasheet
711Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
TSB81BA3-EP TI1-TSB81BA3-EP_14 Datasheet
711Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
TSB81BA3D TI-TSB81BA3D Datasheet
846Kb / 59P
[Old version datasheet]   IEEE 139b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3D TI1-TSB81BA3D Datasheet
637Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Podobny opis - TSB81BA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com