Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSD-25C-12 Arkusz danych(PDF) 2 Page - Technology Dynamics Inc.

Numer części TSD-25C-12
Szczegółowy opis  DC TO DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TECHNOLOGY [Technology Dynamics Inc.]
Strona internetowa  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TSD-25C-12 Arkusz danych(HTML) 2 Page - Technology Dynamics Inc.

  TSD-25C-12 Datasheet HTML 1Page - Technology Dynamics Inc. TSD-25C-12 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
MECHANICAL OUTLINE
TSD-25
-
TSD-50
-
TSD-100
-
TSD-150
-
MODEL
MAX OP
(WATTS)
DC INPUT
(V)
DC INPUT RATING (A)
+5V
+12V
+24V
25
50
100
150
12.24.48
12.24.48
24.48.96
24.48.96
5
10
20
N/A
2.1
4.2
8.5
12.5
1.1
2.1
4.2
6.3
TSD- 50 A - 1 2
InputVoltage
A: 9-18VDC
B: 19-36VDC
C: 36-72VDC
D: 72-144VDC
OutputVoltage
05: 4.5-55V
12: 11-6V
24: 23-30V
ORDER INFORMATION
FIG.
A
B
C
D
Fig.A
Fig.B
Fig.C
Fig.D
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com


Podobny numer części - TSD-25C-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
TSD-25-SAC PHOENIX-TSD-25-SAC Datasheet
48Kb / 3P
   TSD ... SAC torque screwdrivers with a range of preset torques from 0.2 Nm to 2.5 Nm
More results

Podobny opis - TSD-25C-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CCN-0512DF TDK-CCN-0512DF Datasheet
193Kb / 11P
   DC to DC Converters
CAK-001 TDK-CAK-001 Datasheet
145Kb / 2P
   TDK DC to DC Converters, DC to AC inverters
CD-1601N TDK-CD-1601N Datasheet
757Kb / 9P
   TDK DC to DC Converters, DC to AC Inverters
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
E03-56M1 ETC-E03-56M1 Datasheet
60Kb / 1P
   3 WATT DC TO DC CONVERTERS
logo
Tumbler Technologies + ...
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
logo
TDK Electronics
CCG TDK-CCG Datasheet
3Mb / 8P
   1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com