Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB140L Arkusz danych(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Numer części SB140L
Szczegółowy opis  1.0 AMP. L O W V F Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB140L Arkusz danych(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SB140L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB140L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
145L
version:01
1of2
0.45
1.0 AMP. L O W
V F Schottky Barrier Rectifiers
40
0.75
0.85
0.05
0.1
0.5
1200L
1150L
1100L
180L
160L
140L
5.0
-55 to + 150
•Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame Retardant Epoxy Molding Compound.
• Guard ring for overvoltage protection
• High current capability, low forward voltage drop
• Low power loss, high efficiency
• High surge capability
Mechanical Data
· Case: Molded plastic DO-41
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Dimensions in inches and (millimeters)
Features
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRRM
40
60
80
100
150
200
V
VRMS
28
42
56
70
105
140
V
VDC
40
60
80
100
150
200
V
IO
A
IFSM
A
VFM
V
C
pF
℃/W
TJ
TSTG
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Peak Reverse Current
@TA=25℃
25
Type Number
IR
mA
Forward Voltage
@IF=1.0A
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@TA=75℃
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance Junction to
Ambient(Note 1)
Operating Temperature Range
Storage Temperature Range
Maximum Ratings and Electrical Characteristics
1.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
At Rated DC Blocking Voltage @TA=100℃
110
10.0
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
RθJA
SB
-55 to + 150
J
SB 14 0L
THRU SB 12 00L
MIN.
MAX
MIN.
DIA.
DIA.
DO-41
www.dyelec.com
0.96(24.5)
0.96(24.5)
45
31.5
45
50
35
50
150L
SB
SB
SB
SB
SB
SB
SB


Podobny numer części - SB140L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB140L PANJIT-SB140L Datasheet
61Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
logo
Chongqing Pingwei Enter...
SB140L CHONGQING-SB140L Datasheet
176Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Unisonic Technologies
SB140L-SMA-R UTC-SB140L-SMA-R Datasheet
129Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB140L-Z41-B UTC-SB140L-Z41-B Datasheet
129Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB140L-Z41-R UTC-SB140L-Z41-R Datasheet
129Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SB140L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
SR140L DYELEC-SR140L Datasheet
631Kb / 2P
   1.0 AMP. L O W V F Schottky Barrier Rectifiers
SB8L40L DYELEC-SB8L40L Datasheet
609Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR15L40 DYELEC-SR15L40 Datasheet
667Kb / 2P
   15.0 AMP. L O W V F Schottky Barrier Rectifiers
SR8L40 DYELEC-SR8L40 Datasheet
609Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR10L40 DYELEC-SR10L40 Datasheet
666Kb / 2P
   10.0 AMP. L O W V F Schottky Barrier Rectifiers
SR240L DYELEC-SR240L Datasheet
588Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SR240SL DYELEC-SR240SL Datasheet
620Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SB10L40L DYELEC-SB10L40L Datasheet
667Kb / 2P
   10.0 AMP. L O W V F Schottky Barrier Rectifiers
SB15L40L DYELEC-SB15L40L Datasheet
668Kb / 2P
   15.0 AMP. L O W V F Schottky Barrier Rectifiers
SB240SL DYELEC-SB240SL Datasheet
620Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com