Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLH7134PBF Arkusz danych(PDF) 9 Page - Infineon Technologies AG

Numer części IRLH7134PBF
Szczegółowy opis  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRLH7134PBF Arkusz danych(HTML) 9 Page - Infineon Technologies AG

Back Button IRLH7134PBF Datasheet HTML 2Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 3Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 4Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 5Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 6Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 7Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 8Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 9Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
 
IRLH7134PbF
9
2016-08-01
† Applicable version of JEDEC standard at the time of product release.
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L = 0.099mH, RG = 50, IAS = 50A.
Pulse width
 400µs; duty cycle  2%.
Ris measured at TJ of approximately 90°C.
When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.

Calculated continuous current based on maximum allowable junction temperature.
Package is limited to 50A by die-source to lead-frame bonding technology.
Qualifiction Information 
Qualification Level  
Industrial
(per JEDEC JESD47Fguidelines)
Moisture Sensitivity Level
PQFN 5mm x 6mm
MSL1
(per JEDEC J-STD-020D†)
RoHS Compliant
Yes


Podobny numer części - IRLH7134PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLH7134PBF IRF-IRLH7134PBF Datasheet
254Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
More results

Podobny opis - IRLH7134PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com