Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL7472L1PBF Arkusz danych(PDF) 4 Page - Infineon Technologies AG

Numer części IRL7472L1PBF
Szczegółowy opis  DirectFET짰 N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL7472L1PBF Arkusz danych(HTML) 4 Page - Infineon Technologies AG

  IRL7472L1PBF Datasheet HTML 1Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 2Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 3Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 4Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 5Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 6Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 7Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 8Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
 
IRL7472L1TRPbF
 
4
2016-8-9
Fig 6. Normalized On-Resistance vs. Temperature
Fig 5. Typical Transfer Characteristics
Fig 4. Typical Output Characteristics
Fig 3. Typical Output Characteristics
Fig 7. Typical Capacitance vs. Drain-to-Source Voltage
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
VGS
TOP
15V
10V
6.0V
5.0V
4.5V
4.0V
3.5V
BOTTOM
3.0V
 60µs PULSE WIDTH
Tj = 175°C
3.0V
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
VGS
TOP
15V
10V
6.0V
5.0V
4.5V
4.0V
3.5V
BOTTOM
3.0V
 60µs PULSE WIDTH
Tj = 25°C
3.0V
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VGS, Gate-to-Source Voltage (V)
1.0
10
100
1000
10000
TJ = 25°C
TJ = 175°C
VDS = 10V
 60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
0.8
1.1
1.4
1.7
2.0
0.5
0.8
1.1
1.4
1.7
2.0
ID = 195A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
1000
10000
100000
VGS = 0V,
f = 10 KHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
60 120 180 240 300 360 420 480 540 600
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= 32V
VDS= 20V
ID= 195A
Fig 8. Typical Gate Charge vs. Gate-to-Source Voltage


Podobny numer części - IRL7472L1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL7472L1PBF IRF-IRL7472L1PBF Datasheet
497Kb / 11P
   Brushed Motor drive applications
IRL7472L1PBF IRF-IRL7472L1PBF_15 Datasheet
497Kb / 11P
   Brushed Motor drive applications
More results

Podobny opis - IRL7472L1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7580MTRPBF IRF-IRF7580MTRPBF Datasheet
515Kb / 11P
   DirectFET짰 N-Channel Power MOSFET
logo
Infineon Technologies A...
IRF7480MPBF INFINEON-IRF7480MPBF Datasheet
503Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-5-4
logo
International Rectifier
IRF6810SPBF IRF-IRF6810SPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
AUIRF7759L2TR IRF-AUIRF7759L2TR Datasheet
255Kb / 12P
   Automotive DirectFET짰Power MOSFET 
AUIRF8736M2TR IRF-AUIRF8736M2TR Datasheet
494Kb / 12P
   Automotive DirectFET짰 Power MOSFET
AUIRF7799L2TR IRF-AUIRF7799L2TR Datasheet
272Kb / 12P
   Automotive DirectFET짰 Power MOSFET
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com