Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA7078AF Arkusz danych(PDF) 7 Page - Rohm

Numer części BA7078AF
Szczegółowy opis  Synchronization signal processor for high definition displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA7078AF Arkusz danych(HTML) 7 Page - Rohm

Back Button BA7078AF Datasheet HTML 3Page - Rohm BA7078AF Datasheet HTML 4Page - Rohm BA7078AF Datasheet HTML 5Page - Rohm BA7078AF Datasheet HTML 6Page - Rohm BA7078AF Datasheet HTML 7Page - Rohm BA7078AF Datasheet HTML 8Page - Rohm BA7078AF Datasheet HTML 9Page - Rohm BA7078AF Datasheet HTML 10Page - Rohm BA7078AF Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BA7078AF/AS
Multimedia ICs
7/12
!
!
!
!
Relationship between INPUT to OUTPUT
INPUT
Composite / HSYNC
Explanation of symbol
: Signal Input
: No Signal
VSYNC
CLAMP
VDRV
HDRV
VIDEO
CS
VIDEO
CS
CS
CS
VIDEO
CS
VS
VS
CS
VS
VS
VIDEO
CS
VIDEO
CS
CS
CS
VIDEO
OUTPUT
!
!
!
!
Input signal range
Parameter
∗ 1H = 1 / fH
Hor. separate sync
Posi. / Neg.
1.0 to 5.0VP-P
15k to 200kHz
94ns to Duty35%
Vert. separate sync
Posi. / Neg.
1.0 to 5.0VP-P
40 to 200Hz
8.0
µs to Duty35%
Composite sync
Posi. / Neg.
1.0 to 5.0VP-P
40 to 200Hz
∗ 1HMin. to 400µs
15k to 200kHz
94ns to Duty30%
Sync on Video
Neg.
0.2 to 0.6VP-P
0 to 2.1VP-P
40 to 200Hz
∗ 1HMin.
15k to 200kHz
Duty30% Max.
Vert. sync frequency range : fV
Vert. sync pulse width range : pwV
Polarity
Amplitude (Sync) : Vs
(Video) : Vv
Hor. sync pulse width range : pwH
Hor. sync frequency range : fH
!
!
!
!
Input signal waveform
Vert. / Hor.separate sync
T=1/f
pw
Duty=pw/T(%)
VS
Composite sync
TH=1/fH
pwH
pwV
Duty=pwH/TH(%)
(ex.pwV=1H)
VS
Sync on Video
pwH
TH=1/fH
pwV
Duty=pwH/TH(%)
(ex.pwV=1H)
VS
VV


Podobny numer części - BA7078AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7078AF ROHM-BA7078AF Datasheet
306Kb / 6P
   Sync.Seperator/Sync. Detector IC for Multi-Sync. Monitor
BA7078AF ROHM-BA7078AF Datasheet
308Kb / 6P
   Silicon Monolithic Integrated Circuit
BA7078AF-E2 ROHM-BA7078AF-E2 Datasheet
308Kb / 6P
   Silicon Monolithic Integrated Circuit
BA7078AF ROHM-BA7078AF_1 Datasheet
306Kb / 6P
   Sync.Seperator/Sync. Detector IC for Multi-Sync. Monitor
More results

Podobny opis - BA7078AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPC1377C NEC-UPC1377C Datasheet
431Kb / 5P
   SYNCHRONIZATION SIGNAL PROCESSOR OF COLOR TV
logo
Rohm
BA7657F ROHM-BA7657F Datasheet
164Kb / 13P
   Input selector switch for high definition displays
BA7658AFS ROHM-BA7658AFS Datasheet
163Kb / 13P
   Input selector switch for high definition displays
logo
NXP Semiconductors
TDA8370 PHILIPS-TDA8370 Datasheet
379Kb / 17P
   Synchronization processor for television receivers
April 1987
logo
Rohm
BA3880AS ROHM-BA3880AS Datasheet
126Kb / 9P
   High-definition sound processor
BA3884F ROHM-BA3884F Datasheet
113Kb / 9P
   High-definition sound processor
BA3888S ROHM-BA3888S Datasheet
100Kb / 8P
   High-definition sound processor
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
   HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com